Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4410BDY Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI4410BDY
Description  N-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4410BDY Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si4410BDY
Vishay Siliconix
www.vishay.com
4
Document Number: 72211
S-50366—Rev. C, 28-Feb-05
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
VDS − Drain-to-Source Voltage (V)
*VGS u minimum VGS at which rDS(on) is specified
0
30
50
10
20
Single Pulse Power
Time (sec)
40
10−3
10−2
1
10
600
10−1
10−4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 70_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1
100
600
10
10−1
10−2
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ − Temperature (_C)
Safe Operating Area, Junction-to-Case
100
1
0.1
1
10
100
0.01
10
1 s
0.1
TA = 25_C
Single Pulse
10 ms
100 ms
dc, 100 s
*rDS(on) Limited
10 s
TA = 25_C
1 ms
100 ms, 10 ms


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn