Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4410BDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI4410BDY
Description  N-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4410BDY Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 100% Rg Tested
APPLICATIONS
D Battery Switch
D Load Switch
Pb-free
Available
Si4410BDY
Vishay Siliconix
Document Number: 72211
S-50366—Rev. C, 28-Feb-05
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
30
0.0135 @ VGS = 10 V
10
30
0.020 @ VGS = 4.5 V
8
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G
D
S
Ordering Information: Si4410BDY
Si4410BDY—T1 (with Tape and Reel)
Si4410BDY—E3 (Lead (Pb)-Free)
Si4410BDY-T1—E3 (Lead (Pb)-Free with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
10
7.5
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
8
6
A
Pulsed Drain Current (10 ms Pulse Width)
IDM
50
A
Continuous Source Current (Diode Conduction)a
IS
2.3
1.26
Maximum Power Dissipationa
TA = 25_C
PD
2.5
1.4
W
Maximum Power Dissipationa
TA = 70_C
PD
1.6
0.9
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
40
50
Maximum Junction-to-Ambienta
Steady State
RthJA
70
90
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
25
30
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn