Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC-147C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC-147C
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC-147C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC-147C Datasheet HTML 1Page - List of Unclassifed Manufacturers SC-147C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
LVCMOS
SC-A1470 Series
PRELIMINARY
Description
The SC-A1470 Series of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible
signals for bus connected systems. Supplying Pin 1 of the SC-A1470 units with a logic “1" or open enables
its Pin 3 output. In the disable mode, Pin 3 presents a high impedance to the load.
Features
• Wide freqency range: 4.0MHz to 20.0MHz
• User specified tolerance ±100ppm
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 1000g
• Low Jitter - Wavecrest jitter characterization
available
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• Low power
• No internal PLL avoids cascading PLL problems
• Power Supply Decoupling Internal
• Metal lid electrically connected to ground to
reduce
EMI
• Gold plated pads
Electrical Connection
Pin
Connection
1
Enable/Disable
2
Ground
3
Output
4
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0149A
Rev. B


Similar Part No. - SC-147C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-14-12J KEMET-SC-14-12J Datasheet
1Mb / 20P
   Common Mode SC Coils, SC-J Series, Terminal Base Type
SC-14-15JH KEMET-SC-14-15JH Datasheet
129Kb / 1P
   KEMET, SC-JH, AC Line Filters, Common Mode, 1500 uH
logo
List of Unclassifed Man...
SC-1420 ETC1-SC-1420 Datasheet
276Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-1420-FREQ ETC1-SC-1420-FREQ Datasheet
41Kb / 2P
   Crystal Clock Oscillators
logo
Nel Frequency Controls,...
SC-1420 NEL-SC-1420_10 Datasheet
101Kb / 2P
   quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals for bus connected systems
More results

Similar Description - SC-147C

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com