Electronic Components Datasheet Search |
|
IRS060-C53MF03 Datasheet(PDF) 2 Page - SICK AG |
|
IRS060-C53MF03 Datasheet(HTML) 2 Page - SICK AG |
2 / 6 page A B C D E F H I J K L M N O P Q R S T System type IRS060-x53xxxx | ICR89x System TRACK AND TRACE SYSTEMS Ordering information Type Part no. System type IRS060-x53xxxx On request The exact device specifications and performance data of the product may deviate from the information provided here, and depend on the application in which the product is being used and the relevant customer specifications. Our regional sales or- ganization will help you to select the optimum device configuration. Other models and accessories www.sick.com/ICR89x_System Detailed technical data Features Camera type ICR89x Controller MSC800 Illumination width 750 mm Focus Dynamic focus control Read field width 600 mm Read field height 600 mm MTBF 80,000 h MTTR < 10 min Image resolution > 200 dpi (at 3.8 m/s) Misalignment of the object ± 15° Amount object sites/cameras 5-side reading (3 cameras) Maximum amount object sites/cameras Up to 6-side reading (16 cameras) Conveyor type Belt Crossbelt Roller Tilt tray Others on request Typical conveyor height 500 mm ... 1,200 mm Performance Code types Interleaved 2 of 5 Codabar Code 128 Code 39 EAN/UPC with add-on GS1-128 / EAN 128 Postal codes Print ratio 2:1 ... 3:1 Minimum object distance 50 mm 2D code types Data Matrix ECC200 MaxiCode QR code PDF417 Others on request 2 SYSTEM SOLUTIONS | SICK Online data sheet | 2017-04-05 14:16:28 Subject to change without notice |
Similar Part No. - IRS060-C53MF03 |
|
Similar Description - IRS060-C53MF03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |