Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS-T20HF220 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. VS-T20HF220
Description  Large creepage distances
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VS-T20HF220 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS-T20HF220
www.vishay.com
Vishay Semiconductors
Revision: 20-Dec-16
4
Document Number: 94709
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Typical Values of Reverse Current vs. Reverse Voltage
Fig. 9 - Maximum Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
VF - Forward Voltage Drop (V)
100
1000
1
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
T
J = 150 °C
T
J = 25 °C
VR - Reverse Voltage (V)
0.1
1
0.01
10
100
0.001
0
500
1000
1500
2000
2500
T
J = 25 °C
T
J = 150 °C
t1 - Rectangular Pulse Duration (s)
1
10
0.01
0.1
0.0001
0.001
0.01
0.1
1
10
100
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT CONFIGURATION CODE
CIRCUIT DRAWING
Single diode
HF
1
-
Vishay Semiconductors product
-
Module type
3
-
Circuit configuration (see Circuit Configuration table)
4
-
Voltage code x 10 = VRRM
5
-
Current rating
2
Device code
1
3
2
4
5
T
VS-
20
HF
220
21
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95313


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn