Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS-T20HF220 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. VS-T20HF220
Description  Large creepage distances
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VS-T20HF220 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VS-T20HF220
www.vishay.com
Vishay Semiconductors
Revision: 20-Dec-16
3
Document Number: 94709
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
IF(AV) - Average Forward Current (A)
100
110
120
130
140
150
160
50
60
70
80
90
010
20
30
30°
60°
90°
120°
180°
IF(AV) - Average Forward Current (A)
100
110
120
130
140
150
160
60
70
80
90
010
20
30
30°
60°
90°
120°
180°
DC
Anode Forward Current (A)
010
20
30
40
50
60
30°
60° 90°
120°
180°
RMS limit
0
50
75
25
40
50
60
70
80
90
100
0
10
20
30
0
10
20
30
40
50
60
70
80
30°
60°
90°
120°
180°
DC
RMS limit
Anode Forward Current (A)
100
150
200
250
300
350
400
450
500
110
100
Number Of Equal Amplitude Half Cycle
Current Pulses (N)
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
20
120
220
320
420
520
620
0.01
0.1
1
No Voltage Reapplied
Rated V
RRM Reapplied
Pulse Train Duration (s)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn