Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS-T20HF220 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. VS-T20HF220
Description  Large creepage distances
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VS-T20HF220 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-T20HF220
www.vishay.com
Vishay Semiconductors
Revision: 20-Dec-16
1
Document Number: 94709
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Rectifier Diodes (T-Modules), 2200 V, 20 A
FEATURES
• Electrically isolated base plate
• 2200 VRRM
• Industrial standard packaging
• UL approved file E78996
• Simplified mechanical designs, rapid assembly
• Large creepage distances
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION / APPLICATIONS
These series of T-modules use standard recovery power
rectifier diodes. The semiconductors are electrically isolated
from the metal base, allowing common heatsink and
compact assembly to be built.
Applications include power supplies, battery charges,
welders, motor controls, and solar panel application.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
20 A
Type
Modules - Diode, High Voltage
VRRM
2200 V
Package
D-55 (T-module)
Circuit
Single diode
D-55 (T-module)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
20
A
TC
85
°C
IF(RMS)
31
A
IFSM
50 Hz
450
60 Hz
470
I2t
50 Hz
1015
A2s
60 Hz
920
I2
t
10 125
A2
s
VRRM
2200
V
TJ
-40 to +150
°C
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 150 °C
mA
T20HF220
22
2200
2250
18


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn