Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1044 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC1044
Description  VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC1044 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC1044 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC1044 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC1044 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC1044 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC1044 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC1044 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC1044 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC1044 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC1044 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Silan
Semiconductors
SC10XX SERIES
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
2
SELECTION GUIDE
Part No.
Pin Assignment
Output Voltage
Tolerance
SC1015
SC1016
BType
AType
l.5V
±2.4%. ±5%
SC1030
SC1031
BType
AType
3.0V
±2.4%. ±5%
SC1033
SC1034
BType
AType
3.3V
±2.4%. ±5%
SC1036
SC1037
BType
AType
3.6V
±2.4%. ±5%
SC1038
SC1039
BType
AType
3.8V
±2.4%. ±5%
SC1044
SC1045
BType
AType
4.4V
±2.4%. ±5%
SC1050
SC1051
BType
AType
5.0V
±2.4%. ±5%
SC1070
SC1071
BType
AType
7.0V
±2.4%. ±5%
Note: For semi-custom parts, selectable regulated voltage range is from 2.4V to 9V in 0.1V increment.
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Supply Voltage
VDC
0.3~15
V
Power Consumption
PD
250
m/W
Operating Temperature
TOPR
0~70
°C
Storage Temperature
Tstg
-50~125
°C
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Ratings” may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device
reliability.


Similar Part No. - SC1044

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC104 SEMTECH-SC104 Datasheet
199Kb / 12P
   Micro Power Constant-Current DC-DC Converter
logo
Bel Fuse Inc.
SC104 BEL-SC104 Datasheet
752Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC104-100 BEL-SC104-100 Datasheet
752Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC104-101 BEL-SC104-101 Datasheet
752Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC104-120 BEL-SC104-120 Datasheet
752Kb / 1P
   SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC1044

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com