Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1034 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC1034
Description  VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC1034 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC1034 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC1034 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC1034 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC1034 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC1034 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC1034 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC1034 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC1034 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC1034 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Silan
Semiconductors
SC10XX SERIES
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
5
SC10XX series (SC1038, SC1039, +3.8V output type) (Ta=25°C)
Test Conditions
Symbol
Parameter
VIN
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage Tolerance 5.8V IOUT = 10mA
3.61
3.8
3.99
V
IOUT
Output Current
5.8V --
20
30
--
mA
∆VOUT
Load Regulation
5.8V 1mA
≤ lOUT ≤ 30mA
--
60
150
mV
VDIF
Voltage Drop
--
IOUT = 1mA
--
60
--
mV
ISS
Current Consumption
5.8V No load
--
3.0
8.0
µA
OUT
V
IN
V
OUT
V


Line Regulation
--
4.8V
≤ VIN ≤ 12V
IOUT =1mA
--
0.2
--
%/V
VIN
Input Voltage
--
--
--
--
12
V
Ta
VOUT


Temperature Coefficient
5.8V
IOUT=10mA
0
°C< Ta < 70°C
±0.7
--
mV/
°C
SC10XX series (SC1044, SC1045, +4.4V output type) (Ta=25°C)
Test Conditions
Symbol
Parameter
VIN
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage Tolerance 6.4V IOUT = 10mA
4.18
4.4
4.62
V
IOUT
Output Current
6.4V --
20
30
--
mA
∆VOUT
Load Regulation
6.4V 1mA
≤ lOUT ≤ 30mA
--
60
100
mV
VDIF
Voltage Drop
--
IOUT = 1mA
--
60
--
mV
ISS
Current Consumption
6.4V No load
--
3.0
7.5
µA
OUT
V
IN
V
OUT
V


Line Regulation
--
5.4V
≤ VIN ≤ 12V
IOUT =1mA
--
0.2
--
%/V
VIN
Input Voltage
--
--
--
--
12
V
Ta
VOUT


Temperature Coefficient
6.4V
IOUT=10mA
0
°C< Ta < 70°C
±0.7
--
mV/
°C


Similar Part No. - SC1034

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC103335VR400B FREESCALE-SC103335VR400B Datasheet
984Kb / 72P
   SDRAM/DDR Memory Controller
More results

Similar Description - SC1034

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com