Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVTFS5116PLWFTAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVTFS5116PLWFTAG
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTFS5116PLWFTAG Datasheet(HTML) 4 Page - ON Semiconductor

  NVTFS5116PLWFTAG Datasheet HTML 1Page - ON Semiconductor NVTFS5116PLWFTAG Datasheet HTML 2Page - ON Semiconductor NVTFS5116PLWFTAG Datasheet HTML 3Page - ON Semiconductor NVTFS5116PLWFTAG Datasheet HTML 4Page - ON Semiconductor NVTFS5116PLWFTAG Datasheet HTML 5Page - ON Semiconductor NVTFS5116PLWFTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVTFS5116PL
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
200
400
600
800
1000
1200
1400
1600
1800
0
10
20304050
60
Figure 7. Capacitance Variation
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
0
2
4
6
8
10
0
5
10
15
20
25
Figure 8. Gate−to−Source Voltage vs. Total
Charge
Qg, TOTAL GATE CHARGE (nC)
VDS = −48 V
ID = −7 A
TJ = 25°C
QT
Qgs
Qgd
1.0
10
100
1000
1
10
100
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
RG, GATE RESISTANCE (W)
td(off)
td(on)
tf
tr
VDD = −48 V
ID = −7 A
VGS = −4.5 V
0
10
20
30
40
0.5
0.6
0.7
0.8
0.9
1.0
Figure 10. Diode Forward Voltage vs. Current
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
TJ = 25°C
VGS = 0 V
0.1
1
10
100
1000
0.1
1
10
100
VGS = −10 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
100
ms
10
ms
1 ms
dc
10 ms
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0
15
30
45
25
50
75
100
125
150
175
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = −30 A


Similar Part No. - NVTFS5116PLWFTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS5116PL ONSEMI-NVTFS5116PL Datasheet
122Kb / 6P
   Power MOSFET ??0 V, ??4 A, 52 m, Single P?묬hannel
January, 2011 ??Rev. 0
NVTFS5116PLTAG ONSEMI-NVTFS5116PLTAG Datasheet
122Kb / 6P
   Power MOSFET ??0 V, ??4 A, 52 m, Single P?묬hannel
January, 2011 ??Rev. 0
NVTFS5116PLTWG ONSEMI-NVTFS5116PLTWG Datasheet
122Kb / 6P
   Power MOSFET ??0 V, ??4 A, 52 m, Single P?묬hannel
January, 2011 ??Rev. 0
More results

Similar Description - NVTFS5116PLWFTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com