Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVTFS4823NTWG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVTFS4823NTWG
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTFS4823NTWG Datasheet(HTML) 2 Page - ON Semiconductor

  NVTFS4823NTWG Datasheet HTML 1Page - ON Semiconductor NVTFS4823NTWG Datasheet HTML 2Page - ON Semiconductor NVTFS4823NTWG Datasheet HTML 3Page - ON Semiconductor NVTFS4823NTWG Datasheet HTML 4Page - ON Semiconductor NVTFS4823NTWG Datasheet HTML 5Page - ON Semiconductor NVTFS4823NTWG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVTFS4823N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 30 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
2.5
V
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 15 A
8.1
10.5
mW
VGS = 4.5 V, ID = 15 A
13.5
17.5
Forward Transconductance
gFS
VDS = 1.5 V, ID = 20 A
34
S
CHARGES AND CAPACITANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz, VDS = 12 V
750
pF
Output Capacitance
Coss
175
Reverse Transfer Capacitance
Crss
100
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V, ID = 15 A
6.0
nC
Threshold Gate Charge
QG(TH)
0.8
Gate−to−Source Charge
QGS
2.4
Gate−to−Drain Charge
QGD
2.4
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 15 V, ID = 15 A
12
nC
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
12
ns
Rise Time
tr
22
Turn−Off Delay Time
td(off)
14
Fall Time
tf
4
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 15 A
TJ = 25°C
0.85
1.1
V
TJ = 125°C
0.72
Reverse Recovery Time
tRR
VGS = 0 V,
dIS/dt = 100 A/ms,
IS = 15 A
12
ns
Charge Time
ta
6.0
Discharge Time
tb
6.0
Reverse Recovery Charge
QRR
5.0
nC
5. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVTFS4823NTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS4823NTWG ONSEMI-NVTFS4823NTWG Datasheet
118Kb / 6P
   Power MOSFET 30 V, 10.5 m, 30 A, Single N?묬hannel
January, 2011 ??Rev. 0
More results

Similar Description - NVTFS4823NTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com