Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATCC-211A-035-104 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ATCC-211A-035-104
Description  Solid Tantalum Chip Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATCC-211A-035-104 Datasheet(HTML) 3 Page - Abracon Corporation

  ATCC-211A-035-104 Datasheet HTML 1Page - Abracon Corporation ATCC-211A-035-104 Datasheet HTML 2Page - Abracon Corporation ATCC-211A-035-104 Datasheet HTML 3Page - Abracon Corporation ATCC-211A-035-104 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ATCC-211(A, B, P) Series
RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.22.12
Visit www.abracon.com for Terms & Conditions of Sale
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
Solid Tantalum Chip Capacitor
3.2 x 1.60 x 1.6mm
3.5 x 2.80 x 1.9mm
2.0 x 1.25 x 1.1mm
ATCC-211(A, B, P) Series
Solid Tantalum Chip Capacitor
Date of Issue: Oct. 29th, 2012
3.2 x 1.60 x 1.6mm
3.5 x 2.80 x 1.9mm
2.0 x 1.25 x 1.1mm
ESD Sensitive
Page (6) of (15)
Abracon Drawing # 603389
Revision #: Initial Release
Mechanical Dimensions
Recommended Land Pattern
Dimensions: mm
Dimension
Code
L
W
H
F(±0.10)
S(±0.30)
A
B
C
P
2.0±0.15
1.25±0.15
1.1±0.15
0.9
0.5
1.1
1.05
1.2
A
3.2±0.20
1.6±0.20
1.6±0.20
1.2
0.8
1.1
1.35
1.5
B
3.5±0.2
2.8±0.2
1.9±0.2
2.2
0.8
1.4
1.35
2.7
Recommended Land Pattern
Dimensions: mm
OUTLINE DIMENSIONS:
ATCC-211(A, B, P) Series
Solid Tantalum Chip Capacitor
Date of Issue: Oct. 29th, 2012
3.2 x 1.60 x 1.6mm
3.5 x 2.80 x 1.9mm
2.0 x 1.25 x 1.1mm
ESD Sensitive
Page (6) of (15)
Abracon Drawing # 603389
Revision #: Initial Release
6.0
Mechanical Dimensions
6.1
Recommended Land Pattern
Dimensions: mm
Dimension
Code
L
W
H
F(±0.10)
S(±0.30)
A
B
C
P
2.0±0.15
1.25±0.15
1.1±0.15
0.9
0.5
1.1
1.05
1.2
A
3.2±0.20
1.6±0.20
1.6±0.20
1.2
0.8
1.1
1.35
1.5
B
3.5±0.2
2.8±0.2
1.9±0.2
2.2
0.8
1.4
1.35
2.7
Dimension
Code
L
W
H
F(±0.10)
S(±0.30)
A
B
C
P
2.0±0.15
1.25±0.15
1.1±0.15
0.9
0.5
1.1
1.05
1.2
A
3.2±0.20
1.6±0.20
1.6±0.20
1.2
0.8
1.1
1.35
1.5
B
3.5±0.2
2.8±0.2
1.9±0.2
2.2
0.8
1.4
1.35
2.7
Materials
*The Case is black molded
Preheat condition: 150 ~200˚C /60~120sec.
∆ Allowed time above 217˚C: 60~90sec.
∆ Max temp: 260˚C
∆ Max time at max temp: 10sec.
∆ Solder paste: Sn/3.0Ag/0.5Cu
∆ Allowed Reflow time: 2x max
REFLOW PROFILE:
Date of Issue:
6.0
Mechanical Dimensions
6.1
Dimensions: mm
Dimension


Similar Part No. - ATCC-211A-035-104

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATCC-211A-035-104 ABRACON-ATCC-211A-035-104 Datasheet
2Mb / 5P
   Meets EIA-535BAAC standard, Large capacitance in small size
12.22.12
ATCC-211A-035-104 ABRACON-ATCC-211A-035-104 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211A-035-104 ABRACON-ATCC-211A-035-104 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211A-035-104 ABRACON-ATCC-211A-035-104 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results

Similar Description - ATCC-211A-035-104

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211P-016 ABRACON-ATCC-211P-016 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com