Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS6B25NLWFT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFS6B25NLWFT3G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6B25NLWFT3G Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFS6B25NLWFT3G Datasheet HTML 1Page - ON Semiconductor NVMFS6B25NLWFT3G Datasheet HTML 2Page - ON Semiconductor NVMFS6B25NLWFT3G Datasheet HTML 3Page - ON Semiconductor NVMFS6B25NLWFT3G Datasheet HTML 4Page - ON Semiconductor NVMFS6B25NLWFT3G Datasheet HTML 5Page - ON Semiconductor NVMFS6B25NLWFT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVMFS6B25NL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
100
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
64
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 80 V
TJ = 25°C
10
mA
TJ = 125°C
250
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 16 V
100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
3.0
V
Threshold Temperature Coefficient
VGS(TH)/TJ
−5.4
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 20 A
19.8
24
m
W
VGS = 4.5 V
31
39
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 25 V
905
pF
Output Capacitance
COSS
302
Reverse Transfer Capacitance
CRSS
23
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 50 V; ID = 25 A
6.4
nC
VGS = 10 V, VDS = 50 V; ID = 25 A
13.5
Threshold Gate Charge
QG(TH)
1.8
Gate−to−Source Charge
QGS
3.6
Gate−to−Drain Charge
QGD
1.8
Plateau Voltage
VGP
3.7
V
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 50 V,
ID = 25 A, RG = 1.0 W
9.6
ns
Rise Time
tr
79
Turn−Off Delay Time
td(OFF)
18.3
Fall Time
tf
73
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 25 A
TJ = 25°C
0.91
1.2
V
TJ = 125°C
0.81
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 20 A
40.4
ns
Charge Time
ta
24.5
Discharge Time
tb
15.9
Reverse Recovery Charge
QRR
50
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
5. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVMFS6B25NLWFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS6B03N ONSEMI-NVMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS6B03NL ONSEMI-NVMFS6B03NL Datasheet
84Kb / 6P
   Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P0
NVMFS6B03NLT1G ONSEMI-NVMFS6B03NLT1G Datasheet
84Kb / 6P
   Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P0
NVMFS6B03NLT1G ONSEMI-NVMFS6B03NLT1G Datasheet
88Kb / 6P
   Power MOSFET
January, 2016 ??Rev. 0
NVMFS6B03NLT3G ONSEMI-NVMFS6B03NLT3G Datasheet
84Kb / 6P
   Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P0
More results

Similar Description - NVMFS6B25NLWFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com