Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS6B75NLT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMFS6B75NLT3G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6B75NLT3G Datasheet(HTML) 3 Page - ON Semiconductor

  NVMFS6B75NLT3G Datasheet HTML 1Page - ON Semiconductor NVMFS6B75NLT3G Datasheet HTML 2Page - ON Semiconductor NVMFS6B75NLT3G Datasheet HTML 3Page - ON Semiconductor NVMFS6B75NLT3G Datasheet HTML 4Page - ON Semiconductor NVMFS6B75NLT3G Datasheet HTML 5Page - ON Semiconductor NVMFS6B75NLT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVMFS6B75NL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
3.0
1.0
0
0
10
5
4
2
1
0
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
610
7
5
3
20
22
10
15
20
50
15
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
150
125
100
75
25
0
−25
−50
1.0
1.2
55
45
35
25
15
5
10K
4.5 V
VDS = 10 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
ID = 20 A
TJ = 25°C
VGS = 4.5 V
TJ = 25°C
VGS = 10 V
50
ID = 20 A
VGS = 10 V
TJ = 85°C
TJ = 125°C
3
26
0.6
1.4
32
5
3.6 V
2.0
0
20
10
36
1.8
2.0
20
25
2.5
3.0 V
VGS = 10 V
to 5 V
15
30
30
25
0.8
100
10
1
0.5
1.5
48
9
30
35
1.6
TJ = 150°C
1K
100K
3.4 V
2.8 V
3.2 V
25
2.2
15
5
25
95
85
65
175
5
24
28
34
20
2.4
75
50
30
38
44
48
42
40
46
40
45


Similar Part No. - NVMFS6B75NLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS6B03N ONSEMI-NVMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS6B03NL ONSEMI-NVMFS6B03NL Datasheet
84Kb / 6P
   Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P0
NVMFS6B03NLT1G ONSEMI-NVMFS6B03NLT1G Datasheet
84Kb / 6P
   Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P0
NVMFS6B03NLT1G ONSEMI-NVMFS6B03NLT1G Datasheet
88Kb / 6P
   Power MOSFET
January, 2016 ??Rev. 0
NVMFS6B03NLT3G ONSEMI-NVMFS6B03NLT3G Datasheet
84Kb / 6P
   Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P0
More results

Similar Description - NVMFS6B75NLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com