Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS6B03NT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS6B03NT3G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6B03NT3G Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS6B03NT3G Datasheet HTML 1Page - ON Semiconductor NVMFS6B03NT3G Datasheet HTML 2Page - ON Semiconductor NVMFS6B03NT3G Datasheet HTML 3Page - ON Semiconductor NVMFS6B03NT3G Datasheet HTML 4Page - ON Semiconductor NVMFS6B03NT3G Datasheet HTML 5Page - ON Semiconductor NVMFS6B03NT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
November, 2016 − Rev. 1
1
Publication Order Number:
NVMFS6B03N/D
NVMFS6B03N
Power MOSFET
100 V, 4.8 m
W, 145 A, Single N−Channel
Features
Small Footprint (5x6 mm) for Compact Design
Low RDS(on) to Minimize Conduction Losses
Low QG and Capacitance to Minimize Driver Losses
NVMFS6B03NWF − Wettable Flank Option for Enhanced Optical
Inspection
AEC−Q101 Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
V
Gate−to−Source Voltage
VGS
±16
V
Continuous Drain Cur-
rent RqJC (Notes 1, 2,
3)
Steady
State
TC = 25°C
ID
145
A
TC = 100°C
102
Power Dissipation
RqJC (Notes 1, 2)
TC = 25°C
PD
198
W
TC = 100°C
99
Continuous Drain Cur-
rent RqJA (Notes 1, 2,
3)
Steady
State
TA = 25°C
ID
20
A
TA = 100°C
14
Power Dissipation
RqJA (Notes 1 & 2)
TA = 25°C
PD
3.9
W
TA = 100°C
2.0
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
520
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
+ 175
°C
Source Current (Body Diode)
IS
160
A
Single Pulse Drain−to−Source Avalanche
Energy (TJ = 25°C, VDD = 50 V, VGS = 10 V,
IL(pk) = 60 A, L = 0.1 mH, RG = 25 W)
EAS
180
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
0.76
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
38
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
MARKING
DIAGRAM
www.onsemi.com
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
XXXXXX
AYWZZ
V(BR)DSS
RDS(ON) MAX
ID MAX
100 V
4.8 m
W @ 10 V
145 A
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
S
S
S
G
D
D
D
D
DFN5
(SO−8FL)
CASE 488AA
STYLE 1
1
See detailed ordering, marking and shipping information on
page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NVMFS6B03NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS6B03NT3G ONSEMI-NVMFS6B03NT3G Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
More results

Similar Description - NVMFS6B03NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com