Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD5867NLT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVD5867NLT4G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5867NLT4G Datasheet(HTML) 2 Page - ON Semiconductor

  NVD5867NLT4G Datasheet HTML 1Page - ON Semiconductor NVD5867NLT4G Datasheet HTML 2Page - ON Semiconductor NVD5867NLT4G Datasheet HTML 3Page - ON Semiconductor NVD5867NLT4G Datasheet HTML 4Page - ON Semiconductor NVD5867NLT4G Datasheet HTML 5Page - ON Semiconductor NVD5867NLT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVD5867NL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
60
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 60 V
TJ = 25°C
1.0
mA
TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
1.8
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
5.2
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 11 A
26
39
m
W
VGS = 4.5 V, ID = 11 A
33
50
Forward Transconductance
gFS
VDS = 15 V, ID = 11 A
8.0
S
CHARGES, CAPACITANCES AND GATE RESISTANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 25 V
675
pF
Output Capacitance
Coss
68
Reverse Transfer Capacitance
Crss
47
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 48 V,
ID = 22 A
15
nC
Threshold Gate Charge
QG(TH)
1.0
Gate−to−Source Charge
QGS
2.2
Gate−to−Drain Charge
QGD
4.3
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 48 V,
ID = 22 A
7.6
nC
Gate Resistance
RG
1.3
W
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(on)
VGS = 10 V, VDD = 48 V,
ID = 22 A, RG = 2.5 W
6.5
ns
Rise Time
tr
12.6
Turn−Off Delay Time
td(off)
18.2
Fall Time
tf
2.4
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 10 A
TJ = 25°C
0.87
1.2
V
TJ = 125°C
0.78
Reverse Recovery Time
tRR
VGS = 0 V, dIs/dt = 100 A/ms,
IS = 22 A
17
ns
Charge Time
ta
13
Discharge Time
tb
4.0
Reverse Recovery Charge
QRR
12
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
5. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVD5867NLT4G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NVD5867NLT4G VBSEMI-NVD5867NLT4G Datasheet
896Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - NVD5867NLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com