Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD5406N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD5406N
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5406N Datasheet(HTML) 4 Page - ON Semiconductor

  NTD5406N_16 Datasheet HTML 1Page - ON Semiconductor NTD5406N_16 Datasheet HTML 2Page - ON Semiconductor NTD5406N_16 Datasheet HTML 3Page - ON Semiconductor NTD5406N_16 Datasheet HTML 4Page - ON Semiconductor NTD5406N_16 Datasheet HTML 5Page - ON Semiconductor NTD5406N_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTD5406N, STD5406N
www.onsemi.com
4
TYPICAL PERFORMANCE CURVES
Figure 7. Capacitance Variation
Figure 8. Gate−To−Source and
Drain−To−Source Voltage vs. Total Charge
5
0
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
VGS = 0 V
TJ = 25°C
25
Figure 10. Diode Forward Voltage vs. Current
0.8
0.6
20
15
RG, GATE RESISTANCE (OHMS)
1
10
100
10
1
VDS = 32 V
ID = 30 A
VGS = 10 V
tr
td(on)
1000
tf
td(off)
10
0
9
0
QG, TOTAL GATE CHARGE (nC)
12
20
40
ID = 30 A
TJ = 25°C
VGS
QGS
QGD
QT
6
3
50
0.4
0.7
0.5
27
0
36
18
9
VDS
VDS = 0 V VGS = 0 V
20
10
10
2400
1200
0
40
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
Coss
Ciss
Crss
3600
0
VGS
VDS
30
Crss
Ciss
100
0.9
1
1800
600
3000
10
30
30
25
15
55
35
0.1
1
10
100
1000
0.1
1
10
100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 10 V
SINGLE PULSE
TC = 25°C
1 ms
100
ms
10 ms
dc
10
ms


Similar Part No. - NTD5406N_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5406NG ONSEMI-NTD5406NG Datasheet
133Kb / 5P
   Power MOSFET 40 V, 70 A, Single N?묬hannel, DPAK
May, 2009 ??Rev. 2
NTD5406NT4G ONSEMI-NTD5406NT4G Datasheet
133Kb / 5P
   Power MOSFET 40 V, 70 A, Single N?묬hannel, DPAK
May, 2009 ??Rev. 2
More results

Similar Description - NTD5406N_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com