Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA25C512LMN Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SA25C512LMN
Description  512Kb EEPROM SPI with 10MHz and Low Standby
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA25C512LMN Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SA25C512LMN Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25C512LMN Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C512LMN Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C512LMN Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C512LMN Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C512LMN Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C512LMN Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C512LMN Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25C512LMN Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SA25C512 Data Sheet
SAIFUN
8
AC Test Conditions
0.7Vcc
0.2Vcc
0.8Vcc
0.3Vcc
Input Levels
Input and Output
Timing Reference Levels
Figure 3. AC Measurements I/O Waveform
Table 3. AC Measurements
Symbol
Parameter
Min
Max
Unit
CL
Load Capacitance
30
PF
Input Rise and Fall Times
5
NS
Input Pulse Voltage
0.2 VCC to 0.8 VCC
V
Input and Output Timing
Reference Voltages
0.3 VCC to 0.7 VCC
V
Table 4. AC Characteristics
10 MHz
Symbol
Parameter
Min
Typ
Max
Unit
FSCK
SCK Clock Frequency
10
MHz
tWH
SCK High Time
40
ns
tWL
SCK Low Time
40
ns
tCS
CSb High Time
50
ns
tCSS
CSb Setup Time
50
ns
tCSH
CSb HOLD Time
50
ns
tHD
HOLD Time
25
ns
tCD
HOLDB HOLD Time
25
ns
tV
Output Valid
0
40
ns
tHO
Output HOLD Time
0
ns
tHD:DAT
Data in HOLD Time
15
ns
tSU:DAT
Data in Setup Time
12
ns
tR
Input Rise Time
2
ns
tF
Input Fall Time
2
ns
tLZ
HOLDb to Output Low Z
100
ns
tHZ
HOLDb to Output High Z
100
ns
tDIS
Output Disable Time
100
ns
tWC*
128-byte Page
8
ms
Endurance
100K
Write cycles
* 128 bytes in the checkerboard programming formation; a maximum of 50% of the array is
programmed.


Similar Part No. - SA25C512LMN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA25C020 ETC-SA25C020 Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLF ETC-SA25C020LEMLF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFF ETC-SA25C020LEMLFF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFFX ETC-SA25C020LEMLFFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFX ETC-SA25C020LEMLFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
More results

Similar Description - SA25C512LMN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
   SPI COMMUNICATION BETWEEN ST7 AND EEPROM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
   CPU Supervisor with 32Kbit SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com