Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASEMCLP-LR-T3 Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASEMCLP-LR-T3
Description  LOW JITTER PIN CONFIGURABLE LVPECL OUTPUT ULTRA MINIATURE PURE SILICON??SMD CLOCK OSCILLATORSILLATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMCLP-LR-T3 Datasheet(HTML) 4 Page - Abracon Corporation

  ASEMCLP-LR-T3 Datasheet HTML 1Page - Abracon Corporation ASEMCLP-LR-T3 Datasheet HTML 2Page - Abracon Corporation ASEMCLP-LR-T3 Datasheet HTML 3Page - Abracon Corporation ASEMCLP-LR-T3 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tube: 110 pcs/tube
Unit orientation in tube:
Dimensions: mm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
TAPE & REEL:
REFLOW PROFILE
| | | | | | | | | |
.
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 11.17.14
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
ASEMCLP
Pb RoHS
Compliant
LOW JITTER PIN CONFIGURABLE LVPECL OUTPUT ULTRA
MINIATURE PURE SILICON™ SMD CLOCK OSCILLATORSILLATORS
3.2 x 2.5 x 0.85 mm
.
ASEMCLP
T= 1,000pcs/reel (D=180mm)
T3= 3,000pcs/reel (D=180mm)
T5= 5,000pcs/reel (D=330mm)


Similar Part No. - ASEMCLP-LR-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEMCLP ABRACON-ASEMCLP Datasheet
2Mb / 4P
   LOW JITTER PIN CONFIGURABLE LVPECL OUTPUT ULTRA MINIATURE PURE SILICON SMD CLOCK OSCILLATORSILLATORS
11.17.14
More results

Similar Description - ASEMCLP-LR-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEMCLP ABRACON-ASEMCLP Datasheet
2Mb / 4P
   LOW JITTER PIN CONFIGURABLE LVPECL OUTPUT ULTRA MINIATURE PURE SILICON SMD CLOCK OSCILLATORSILLATORS
11.17.14
ASEMCLV ABRACON-ASEMCLV Datasheet
2Mb / 4P
   LOW JITTER PIN CONFIGURABLE LVDS OUTPUT ULTRA MINIATURE PURE SILICON SMD CLOCK OSCILLATORSILLATORS
11.17.14
ASEMCHC ABRACON-ASEMCHC Datasheet
1Mb / 4P
   LOW JITTER PIN CONFIGURABLE HCSL OUTPUT ULTRA MINIATURE PURE SILICON??SMD CLOCK OSCILLATORS
08.25.11
ASEMDLP-LR ABRACON-ASEMDLP-LR Datasheet
2Mb / 4P
   ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT
11.05.14
ASEMDLP ABRACON-ASEMDLP Datasheet
2Mb / 4P
   LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT ASEMDLP ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.05.14
ASEMCC3-LR ABRACON-ASEMCC3-LR Datasheet
3Mb / 4P
   LOW JITTER PIN CONFIGURABLE CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.17.14
ASEMCC ABRACON-ASEMCC Datasheet
3Mb / 4P
   LOW JITTER PIN CONFIGURABLE CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.17.14
ASEMCC3 ABRACON-ASEMCC3 Datasheet
3Mb / 4P
   LOW JITTER PIN CONFIGURABLE CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.10.11
ASEMDC ABRACON-ASEMDC Datasheet
3Mb / 4P
   LOW JITTER PIN CONFIGURABLE DUAL CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.05.14
ASEMDLV ABRACON-ASEMDLV Datasheet
2Mb / 4P
   LOW JITTER PIN CONFIGURABLE DUAL LVDS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
02.06.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com