Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARJU21A-MCSA-AD Datasheet(PDF) 3 Page - Abracon Corporation

Part # ARJU21A-MCSA-AD
Description  RJ45 Single USB Jack with 10/100 Base-TX Magnetic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJU21A-MCSA-AD Datasheet(HTML) 3 Page - Abracon Corporation

  ARJU21A-MCSA-AD Datasheet HTML 1Page - Abracon Corporation ARJU21A-MCSA-AD Datasheet HTML 2Page - Abracon Corporation ARJU21A-MCSA-AD Datasheet HTML 3Page - Abracon Corporation ARJU21A-MCSA-AD Datasheet HTML 4Page - Abracon Corporation ARJU21A-MCSA-AD Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MECHANICAL DIMENSIONS
|
||| | | | | | | | | | | | |
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 01.23.14
Visit www.abracon.com for Terms & Conditions of Sale
RoHS
Compliant
ARJU21A
RJ45 Single USB Jack with 10/100 Base-TX Magnetic
16.78 x 21.08 x 26.00 mm
1
8
1
2
3
4
9
10
7 8
6 5 4 3 2 1
1 2 3 4
PC Board Layout
Component Side Shown
16.78
16.12 +0,60
-0,20
2.00
7.00
13.14
16.40
(16.78)
@2.03X5=10.15
7.06
12.14
4-φ1.58
6- 0.90
2- 2.30
2.03
Left LED
Right LED
26.00
(8.02)
19.57
14.35
2.70
9.14
(2.64)
10.64
UNIT:mm
4-
0.9
2
PRE-SOLDERING
2.50
1
8
1
2
3
4
9.14
(2.64)
10.64
UNIT:mm
PRE-SOLDERING
2.50
9
10
7 8
6 5 4 3 2 1
1 2 3 4
PC Board Layout
Component Side Shown
16.78
16.12 +0,60
-0,20
2.00
7.00
13.14
16.40
(16.78)
@2.03X5=10.15
7.06
12.14
4-φ1.58
6- 0.90
2- 2.30
2.03
Left LED
Right LED
26.00
(8.02)
19.57
14.35
2.70
4-
0.92
Dimension: mm. All tolerances are ±0.25 unless otherwise specified
MC
MD


Similar Part No. - ARJU21A-MCSA-AD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJU21A-MCSA-AD-B-EMU2 ABRACON-ARJU21A-MCSA-AD-B-EMU2 Datasheet
3Mb / 5P
   RJ45 Single USB Jack with 10/100 Base-TX Magnetic
01.23.14
More results

Similar Description - ARJU21A-MCSA-AD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJU21A ABRACON-ARJU21A Datasheet
3Mb / 5P
   RJ45 Single USB Jack with 10/100 Base-TX Magnetic
01.23.14
ARJU31B ABRACON-ARJU31B Datasheet
9Mb / 8P
   RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
09.27.12
ARJU31B-MCSN-A ABRACON-ARJU31B-MCSN-A Datasheet
9Mb / 8P
   RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
09.27.12
ARJU31B-MCSO-A ABRACON-ARJU31B-MCSO-A Datasheet
9Mb / 8P
   RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
09.27.12
logo
Premier Magnetics, Inc.
RJ4-1201DYD2 PMI-RJ4-1201DYD2 Datasheet
470Kb / 1P
   RJ45 SINGLE USB JACK WITH 10/100 MAGNETIC
logo
Abracon Corporation
ARJP11A ABRACON-ARJP11A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11A-MBSB-A ABRACON-ARJP11A-MBSB-A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11B ABRACON-ARJP11B Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJ21A-MBSD-A ABRACON-ARJ21A-MBSD-A Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJU31A ABRACON-ARJU31A Datasheet
2Mb / 4P
   RJ45 Dual USB Jack with 10/100 Magnetic
08.26.11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com