Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50SQG Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 50SQG
Description  Low forward voltage drop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50SQG Datasheet(HTML) 2 Page - Vishay Siliconix

  50SQG Datasheet HTML 1Page - Vishay Siliconix 50SQG Datasheet HTML 2Page - Vishay Siliconix 50SQG Datasheet HTML 3Page - Vishay Siliconix 50SQG Datasheet HTML 4Page - Vishay Siliconix 50SQG Datasheet HTML 5Page - Vishay Siliconix 50SQG Datasheet HTML 6Page - Vishay Siliconix 50SQG Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93356
2
Revision: 07-Nov-08
50SQ...G Series
Vishay High Power Products
Schottky Rectifier, 5 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
5 A
TJ = 25 °C
0.66
V
10 A
0.77
5 A
TJ = 125 °C
0.52
10 A
0.62
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
0.15
mA
TJ = 125 °C
7
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
500
pF
Typical series inductance
LS
Measured lead to lead 5 mm from body
10
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to lead
RthJL
DC operation; see fig. 4
1/8" lead length
8.0
°C/W
Typical thermal resistance,
junction to air
RthJA
44
Approximate weight
1.4
g
0.049
oz.
Marking device
Case style DO-204AR (JEDEC)
50SQ060G
50SQ080G
50SQ100G


Similar Part No. - 50SQG

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50SQ IRF-50SQ Datasheet
78Kb / 5P
   SCHOTTKY RECTIFIER
logo
America Semiconductor, ...
50SQ AMERICASEMI-50SQ Datasheet
1Mb / 3P
   Schottky Rectifier 5 AMP
logo
International Rectifier
50SQ030 IRF-50SQ030 Datasheet
187Kb / 4P
   5 AMP SCHOTTKY POWER RECTIFIER
50SQ035 IRF-50SQ035 Datasheet
187Kb / 4P
   5 AMP SCHOTTKY POWER RECTIFIER
50SQ040 IRF-50SQ040 Datasheet
187Kb / 4P
   5 AMP SCHOTTKY POWER RECTIFIER
More results

Similar Description - 50SQG

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com