Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20ETFFP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 20ETFFP
Description  Vishay High Power Products
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETFFP Datasheet(HTML) 2 Page - Vishay Siliconix

  20ETFFP Datasheet HTML 1Page - Vishay Siliconix 20ETFFP Datasheet HTML 2Page - Vishay Siliconix 20ETFFP Datasheet HTML 3Page - Vishay Siliconix 20ETFFP Datasheet HTML 4Page - Vishay Siliconix 20ETFFP Datasheet HTML 5Page - Vishay Siliconix 20ETFFP Datasheet HTML 6Page - Vishay Siliconix 20ETFFP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93142
2
Revision: 12-Jun-08
20ETF..FP Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 20 A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
20 A, TJ = 25 °C
1.30
V
60 A, TJ = 25 °C
1.67
Forward slope resistance
rt
12.5
m
Ω
Threshold voltage
VF(TO)
TJ = 150 °C
0.9
V
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VRRM
0.1
mA
TJ = 150 °C
5.0
RECOVERY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Reverse recovery time
trr
IF at 20 Apk
100 A/µs
25 °C
160
ns
Reverse recovery current
Irr
10
A
Reverse recovery charge
Qrr
1.25
µC
Snap factor
S
Typical
0.6
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t
t
a
t
b
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
1.5
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
62
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
1.5
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-220 FULL-PAK
20ETF06FP


Similar Part No. - 20ETFFP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF IRF-20ETF Datasheet
111Kb / 7P
   FAST SOFT RECOVERY
20ETF IRF-20ETF Datasheet
211Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
20ETF VISHAY-20ETF Datasheet
201Kb / 7P
   Vishay High Power Products
Revision: 12-Jun-08
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
20ETF02 VISHAY-20ETF02 Datasheet
332Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 15-Apr-08
More results

Similar Description - 20ETFFP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETFS VISHAY-20ETFS Datasheet
186Kb / 7P
   Vishay High Power Products
Revision: 22-Oct-08
60EPS VISHAY-60EPS Datasheet
127Kb / 6P
   Vishay High Power Products
Revision: 25-Aug-08
80EPS VISHAY-80EPS Datasheet
119Kb / 6P
   Vishay High Power Products
Revision: 07-Jul-09
60EPFPBF VISHAY-60EPFPBF Datasheet
188Kb / 7P
   Vishay High Power Products
Revision: 05-Jun-08
20ETF VISHAY-20ETF Datasheet
201Kb / 7P
   Vishay High Power Products
Revision: 12-Jun-08
60EPF VISHAY-60EPF Datasheet
205Kb / 7P
   Vishay High Power Products
Revision: 09-Dec-09
80EPFPBF VISHAY-80EPFPBF Datasheet
209Kb / 8P
   Vishay High Power Products
Revision: 05-Jun-08
logo
Shenzhen Luguang Electr...
MUR1520 LUGUANG-MUR1520 Datasheet
118Kb / 4P
   High Power Products
logo
Vishay Siliconix
TLMP3101 VISHAY-TLMP3101 Datasheet
306Kb / 10P
   Vishay Semiconductors
Rev. 1.7, 31-Aug-04
IRF620STRLPBF VISHAY-IRF620STRLPBF Datasheet
141Kb / 8P
   Vishay Siliconix
Rev. D, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com