Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6TQS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 6TQS
Description  Schottky Rectifier, 6 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6TQS Datasheet(HTML) 3 Page - Vishay Siliconix

  6TQS Datasheet HTML 1Page - Vishay Siliconix 6TQS Datasheet HTML 2Page - Vishay Siliconix 6TQS Datasheet HTML 3Page - Vishay Siliconix 6TQS Datasheet HTML 4Page - Vishay Siliconix 6TQS Datasheet HTML 5Page - Vishay Siliconix 6TQS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93968
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 27-Jun-08
3
6TQ...S
Schottky Rectifier, 6 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
100
10
VFM - Forward Voltage Drop (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
0.001
1.0
10
100
0.1
0.01
0.0001
VR - Reverse Voltage (V)
10
515
20
40
45
25
30
35
0
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
100
1000
VR - Reverse Voltage (V)
10
20
40
50
30
0
T
J = 25 °C
0.001
0.01
0.1
1.0
10
0.00001
0.0001
0.001
0.01
0.1
1.0
t1 - Rectangular Pulse Duration (s)
10
100
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Single pulse
(thermal resistance)
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - 6TQS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
6TQ IRF-6TQ Datasheet
157Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
6TQ VISHAY-6TQ Datasheet
94Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
logo
International Rectifier
6TQ035 IRF-6TQ035 Datasheet
157Kb / 6P
   SCHOTTKY RECTIFIER
logo
Microsemi Corporation
6TQ035 MICROSEMI-6TQ035 Datasheet
131Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
6TQ035 VISHAY-6TQ035 Datasheet
111Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
More results

Similar Description - 6TQS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
6TQ035SPBF VISHAY-6TQ035SPBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 6 A
Revision: 15-Mar-10
6TQ045SPBF VISHAY-6TQ045SPBF Datasheet
127Kb / 6P
   Schottky Rectifier, 6 A
Revision: 26-May-08
VS-6TQPBF VISHAY-VS-6TQPBF Datasheet
168Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
VS-6TQPBF VISHAY-VS-6TQPBF_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 6 A
08-Feb-17
6TQ045PBF VISHAY-6TQ045PBF Datasheet
115Kb / 6P
   Schottky Rectifier, 6 A
Revision: 06-Jun-08
6TQ045S VISHAY-6TQ045S Datasheet
124Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
6TQ035SPBF VISHAY-6TQ035SPBF_10 Datasheet
122Kb / 6P
   Schottky Rectifier, 6 A
Revision: 15-Mar-10
6TQ035PBF VISHAY-6TQ035PBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
6TQ VISHAY-6TQ Datasheet
94Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com