Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

F862BC104M310Z Datasheet(PDF) 7 Page - Kemet Corporation

Part # F862BC104M310Z
Description  F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F862BC104M310Z Datasheet(HTML) 7 Page - Kemet Corporation

Back Button F862BC104M310Z Datasheet HTML 3Page - Kemet Corporation F862BC104M310Z Datasheet HTML 4Page - Kemet Corporation F862BC104M310Z Datasheet HTML 5Page - Kemet Corporation F862BC104M310Z Datasheet HTML 6Page - Kemet Corporation F862BC104M310Z Datasheet HTML 7Page - Kemet Corporation F862BC104M310Z Datasheet HTML 8Page - Kemet Corporation F862BC104M310Z Datasheet HTML 9Page - Kemet Corporation F862BC104M310Z Datasheet HTML 10Page - Kemet Corporation F862BC104M310Z Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3092_F862_X2_310 • 9/23/2016
7
Film Capacitors – AC Line EMI Suppression and RC Networks
F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
Table 1 – Ratings & Part Number Reference
(1) M = ±20%, K = ±10%.
(2) Insert lead and packaging code. See Ordering Options Table for available options.
Capacitance
Value (µF)
Size Code
Maximum Dimensions in
mm
Lead Spacing (p)
dV/dt
(V/µs)
Part Number
B
H
L
0.1
BK
7.5
13.5
18.0
15.0
400
F862BK104(1)310(2)
0.15
BK
7.5
13.5
18.0
15.0
400
F862BK154(1)310(2)
0.22
BP
8.5
14.5
18.0
15.0
400
F862BP224(1)310(2)
0.33
BS
10.0
16.0
18.0
15.0
400
F862BS334(1)310(2)
0.39
BS
10.0
16.0
18.0
15.0
400
F862BS394(1)310(2)
0.47
BY
11.0
19.0
18.0
15.0
400
F862BY474(1)310(2)
0.56
BZ
12.0
20.0
18.0
15.0
400
F862BZ564(1)310(2)
0.15
DB
6.0
14.5
26.0
22.5
200
F862DB154(1)310(2)
0.22
DI
7.0
16.0
26.0
22.5
200
F862DI224(1)310(2)
0.33
DJ
8.5
17.0
26.0
22.5
200
F862DJ334(1)310(2)
0.39
DJ
8.5
17.0
26.0
22.5
200
F862DJ394(1)310(2)
0.47
DO
10.0
18.5
26.0
22.5
200
F862DO474(1)310(2)
0.56
DO
10.0
18.5
26.0
22.5
200
F862DO564(1)310(2)
0.68
DP
11.0
20.0
26.0
22.5
200
F862DP684(1)310(2)
0.82
DP
11.0
20.0
26.0
22.5
200
F862DP824(1)310(2)
1.0
DU
13.0
22.0
26.0
22.5
200
F862DU105(1)310(2)
1.2
DU
13.0
22.0
26.0
22.5
200
F862DU125(1)310(2)
1.0
FC
11.0
20.0
31.5
27.5
150
F862FC105(1)310(2)
1.5
FI
13.0
25.0
31.5
27.5
150
F862FI155(1)310(2)
2.2
FN
14.0
28.0
31.5
27.5
150
F862FN225(1)310(2)
3.3
FS
19.0
29.0
31.5
27.5
150
F862FS335(1)310(2)
4.7
FY
22.0
37.0
31.5
27.5
150
F862FY475(1)310(2)
Capacitance Value
(µF)
Size Code
B (mm)
H (mm)
L (mm)
Lead Spacing (p)
dV/dt (V/µs)
Part Number


Similar Part No. - F862BC104M310Z

ManufacturerPart #DatasheetDescription
Kemet Corporation
Kemet Corporation
F862BC104M310C KEMET-F862BC104M310C Datasheet
928Kb / 2P
   F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
More results

Similar Description - F862BC104M310Z

ManufacturerPart #DatasheetDescription
Kemet Corporation
Kemet Corporation
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C Datasheet
928Kb / 2P
   F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
F862BS394K310ALR0L KEMET-F862BS394K310ALR0L Datasheet
64Kb / 1P
   F862, Film, Metallized Polypropylene, Automotive Safety, 0.39 uF, 10%, 310 VAC (X2), 630 VDC, 110C, Lead Spacing = 15mm
Surge Components
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
Kemet Corporation
Kemet Corporation
F862DU125K310Z KEMET-F862DU125K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 1.2 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 22.5mm
F862BK154K310Z KEMET-F862BK154K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 0.15 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 15mm
F862BY474K310Z KEMET-F862BY474K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 0.47 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 15mm
F862BS334K310Z KEMET-F862BS334K310Z Datasheet
57Kb / 1P
   F862, Film, Metallized Polypropylene, Safety, 0.33 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 15mm
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com