Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2004 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2004
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2004 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2004 Datasheet HTML 1Page - Toshiba Semiconductor RN2004 Datasheet HTML 2Page - Toshiba Semiconductor RN2004 Datasheet HTML 3Page - Toshiba Semiconductor RN2004 Datasheet HTML 4Page - Toshiba Semiconductor RN2004 Datasheet HTML 5Page - Toshiba Semiconductor RN2004 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN2001
~RN2006
2001-06-07
1
Type No.
R1 (kΩ)
R2 (kΩ)
RN2001
4.7
4.7
RN2002
10
10
RN2003
22
22
RN2004
47
47
RN2005
2.2
47
RN2006
4.7
47
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2001,RN2002,RN2003
RN2004,RN2005,RN2006
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Complementary to RN1001~RN1006
Equivalent Circuit and Bias Resister Values
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
RN2001~2006
VCEO
−50
V
RN2001~2004
−10
Emitter-base voltage
RN2005, 2006
VEBO
−5
V
Collector current
IC
−100
mA
Collector power dissipation
PC
400
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN2001~2006
Tstg
−55~150

°C
JEDEC
TO-92
EIAJ
SC-43
TOSHIBA
2-5F1B
Weight: 0.21g
Unit: mm


Similar Part No. - RN2004

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2004 TOSHIBA-RN2004 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
RN2004 TOSHIBA-RN2004 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
RN2004 TOSHIBA-RN2004 Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
More results

Similar Description - RN2004

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com