Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSR05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PSR05
Description  STEERING DIODE / TVS ARRAY COMBO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PSR05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PSR05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSR05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSR05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.protekdevices.com
05116.R3 8/03
PSR05
DEVICE CHARACTERISTICS
Note 1: As shown in Figure 5, REF 1 is connected to ground, REF 2 is connected to +V
CC and input applies to VCC = 5V, Vsign = 30mV, F = 1MHz.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
MINIMUM
BREAKDOWN
VOLTAGE
@ 1A
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
8/20µs
V
C @ IPP
VOLTS
MAXIMUM
CAPACITANCE
(See Note 1)
(See Fig. 5)
(Per Data Line)
@0V, 1 MHz
C
J(SD)
pF
PSR05
6.0
9.8
20.0V @ 28.0A
10
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
5.0
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
DEVICE
MARKING
5A
MAXIMUN RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
500
Watts
Peak Forward Voltage - IF = 1A, 8/20µs
Volts
1.5
VF
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
10
100
1,000
10,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
500W, 8/20µs Waveform


Similar Part No. - PSR05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR05 PROTEC-PSR05 Datasheet
87Kb / 5P
   STEERING DIODE/TVS ARRAY COMBO
PSR05 PROTEC-PSR05 Datasheet
735Kb / 9P
   500 WATT low capacitance steering diode/TVS array
logo
Shanghai Semitech Semic...
PSR05 SEMITECH-PSR05 Datasheet
214Kb / 3P
   Unidirectional Configuration
logo
Protek Devices
PSR05-LF-T7 PROTEC-PSR05-LF-T7 Datasheet
87Kb / 5P
   STEERING DIODE/TVS ARRAY COMBO
logo
Guangdong Youtai Semico...
PSR05-LF-T7 UMW-PSR05-LF-T7 Datasheet
774Kb / 4P
   Low Capacitance TVS Diode Array
More results

Similar Description - PSR05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6_12 Datasheet
336Kb / 4P
   Steering Diode/TVS Array Combo
logo
Protek Devices
PLR0508 PROTEC-PLR0508 Datasheet
157Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
PUSB3B PROTEC-PUSB3B Datasheet
72Kb / 4P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Leshan Radio Company
LGRV05-4LT1G LRC-LGRV05-4LT1G Datasheet
922Kb / 6P
   STEERING DIODE/TVS ARRAY COMBO
logo
Protek Devices
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_12 Datasheet
322Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_09 Datasheet
270Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-4 BOURNS-CDNBS08-SRDA3.3-4_12 Datasheet
320Kb / 4P
   Steering Diode/TVS Array Combo
logo
List of Unclassifed Man...
PUSB6B ETC-PUSB6B Datasheet
97Kb / 4P
   STEERING DIODE / TVS ARRAY COMBO
logo
Protek Devices
SR28 PROTEC-SR28 Datasheet
95Kb / 3P
   STEERING DIODE / TVS ARRAY COMBO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com