Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK2022RA Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK2022RA
Description  CK00 (100/133 MHz) spread spectrum differential system clock generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2022RA Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK2022RA Datasheet HTML 2Page - NXP Semiconductors PCK2022RA Datasheet HTML 3Page - NXP Semiconductors PCK2022RA Datasheet HTML 4Page - NXP Semiconductors PCK2022RA Datasheet HTML 5Page - NXP Semiconductors PCK2022RA Datasheet HTML 6Page - NXP Semiconductors PCK2022RA Datasheet HTML 7Page - NXP Semiconductors PCK2022RA Datasheet HTML 8Page - NXP Semiconductors PCK2022RA Datasheet HTML 9Page - NXP Semiconductors PCK2022RA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product data
PCK2022RA
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2003 Jul 31
6
ABSOLUTE MAXIMUM RATINGS
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD3
DC 3.3 V supply
-0.5
4.6
V
IIK
DC input diode current
VI < 0
-50
mA
VI
DC input voltage
Note 2
-0.5
VDD
V
IOK
DC output diode current
VO > VDD or VO < 0
±50
mA
VO
DC output voltage
Note 2
-0.5
VDD+0.5
V
IO
DC output source or sink current
VO = 0 to VDD
±50
mA
Tstg
Storage temperature range
-65
+150
°C
Ptot
Power dissipation per package
plastic medium-shrink (SSOP)
For temperature range -40
°C to +125°C;
above +55
°C derate linearly with 11.3 mW/K
850
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other condition beyond those indicated under “recommended operating condition” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage rating may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD3
DC 3.3 V supply voltage1
3.135
3.465
V
AVDD
DC 3.3 V analog supply voltage1
3.135
3.465
V
CL
Capacitive load on:
L
IOCLK
Must meet IOCLK 2.1 requirements
10
30
pF
48 MHz clock
1 device load
10
20
pF
REF
1 device load
10
20
pF
fref
Reference frequency, oscillator normal value
14.31818
14.31818
MHz
Tamb
Operating ambient temperature range in free air
0
+70
°C
NOTE:
1. Supply voltage needs to be less than 20 mV before powering on to ensure proper PLL start-up.
POWER MANAGEMENT
CONDITION
MAXIMUM 3.3 V SUPPLY CONSUMPTION
MAXIMUM DISCRETE CAPACITANCE LOADS
VDDL = 3.465 V
ALL STATIC INPUTS = VDD3 OR VSS
Power-down mode (PWRDWN = 0)
60 mA
Full active 100/133 MHz
250 mA


Similar Part No. - PCK2022RA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2022R PHILIPS-PCK2022R Datasheet
102Kb / 14P
   CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2022RDGG PHILIPS-PCK2022RDGG Datasheet
102Kb / 14P
   CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
More results

Similar Description - PCK2022RA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2022R PHILIPS-PCK2022R Datasheet
102Kb / 14P
   CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2021 PHILIPS-PCK2021 Datasheet
108Kb / 15P
   CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2020 PHILIPS-PCK2020 Datasheet
110Kb / 16P
   CK00 100/133MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
   CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
PCK2023 PHILIPS-PCK2023 Datasheet
177Kb / 30P
   CK408 66/100/133/200 MHz spread spectrum differential system clock generator
2001 Sep 07
logo
Cypress Semiconductor
CY28322-2 CYPRESS-CY28322-2 Datasheet
235Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer with Differential CPU Outputs
logo
NXP Semiconductors
PCK2010 PHILIPS-PCK2010 Datasheet
113Kb / 16P
   CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com