Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9543D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9543D
Description  2-channel I2C switch with interrupt logic and reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9543D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9543D Datasheet HTML 1Page - NXP Semiconductors PCA9543D Datasheet HTML 2Page - NXP Semiconductors PCA9543D Datasheet HTML 3Page - NXP Semiconductors PCA9543D Datasheet HTML 4Page - NXP Semiconductors PCA9543D Datasheet HTML 5Page - NXP Semiconductors PCA9543D Datasheet HTML 6Page - NXP Semiconductors PCA9543D Datasheet HTML 7Page - NXP Semiconductors PCA9543D Datasheet HTML 8Page - NXP Semiconductors PCA9543D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
Product data sheet
PCA9543
2-channel I2C switch with interrupt logic and reset
2
2004 Oct 01
FEATURES
1-of-2 bi-directional translating switches
I2C interface logic; compatible with SMBus standards
2 Active LOW Interrupt Inputs
Active LOW Interrupt Output
Active LOW Reset Input
2 address pins allowing up to 4 devices on the I2C-bus
Channel selection via I2C-bus, in any combination
Power up with all switch channels deselected
Low Rds
ON switches
Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and
5 V buses
No glitch on power-up
Supports hot insertion
Low stand-by current
Operating power supply voltage range of 2.3 V to 5.5 V
5 V tolerant Inputs
0 kHz to 400 kHz clock frequency
ESD protection exceeds 2000 V HBM per JESD22-A114,
150 V MM per JESD22-A115 and 1000 V per JESD22-C101
Latchup testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
Packages offered: SO14, TSSOP14
DESCRIPTION
The PCA9543 is a bi-directional translating switch, controlled by the
I2C-bus. The SCL/SDA upstream pair fans out to two downstream
pairs, or channels. Any individual SCx/SDx channels or combination
of channels can be selected, determined by the contents of the
programmable control register. Two interrupt inputs, INT0 to INT3,
one for each of the downstream pairs, are provided. One interrupt
output INT, which acts as an AND of the two interrupt inputs, is
provided.
An active-LOW reset input allows the PCA9543 to recover from a
situation where one of the downstream I2C-buses is stuck in a LOW
state. Pulling the RESET pin LOW resets the I2C state machine and
causes all the channels to be deselected, as does the internal power
on reset function.
The pass gates of the switches are constructed such that the VDD
pin can be used to limit the maximum high voltage which will be
passed by the PCA9543. This allows the use of different bus
voltages on each SCx/SDx pair, so that 1.8 V, 2.5 V, or 3.3 V parts
can communicate with 5 V parts without any additional protection.
External pull-up resistors pull the bus up to the desired voltage level
for each channel. All I/O pins are 5 V tolerant.
PIN CONFIGURATION
1
2
3
4
5
6
78
9
10
11
12
13
14
A0
A1
RESET
INT0
SD0
SC0
VSS
VDD
SDA
SCL
SD1
SC1
INT1
INT
SW00803
Figure 1. Pin configuration
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
A0
Address input 0
2
A1
Address input 1
3
RESET
Active LOW reset input
4
INT0
Interrupt input 0
5
SD0
Serial data 0
6
SC0
Serial clock 0
7
VSS
Supply ground
8
INT1
Interrupt input 1
9
SD1
Serial data 1
10
SC1
Serial clock 1
11
INT
Interrupt output
12
SCL
Serial clock line
13
SDA
Serial data line
14
VDD
Supply voltage
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
14-Pin Plastic SO
–40
°C to +85 °C
PCA9543D
SOT108-1
14-Pin Plastic TSSOP
–40
°C to +85 °C
PCA9543PW
SOT402-1
Standard packing quantities and other packaging data are available at www.standardproducts.philips.com/packaging.


Similar Part No. - PCA9543D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543A NXP-PCA9543A Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9543A NXP-PCA9543A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9543AD TI-PCA9543AD Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
More results

Similar Description - PCA9543D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
Texas Instruments
TCA9543A TI1-TCA9543A_15 Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com