Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C430C472D1G5TA7293 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C430C472D1G5TA7293
Description  Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C430C472D1G5TA7293 Datasheet(HTML) 1 Page - Kemet Corporation

  C430C472D1G5TA7293 Datasheet HTML 1Page - Kemet Corporation C430C472D1G5TA7293 Datasheet HTML 2Page - Kemet Corporation C430C472D1G5TA7293 Datasheet HTML 3Page - Kemet Corporation C430C472D1G5TA7293 Datasheet HTML 4Page - Kemet Corporation C430C472D1G5TA7293 Datasheet HTML 5Page - Kemet Corporation C430C472D1G5TA7293 Datasheet HTML 6Page - Kemet Corporation C430C472D1G5TA7293 Datasheet HTML 7Page - Kemet Corporation C430C472D1G5TA7293 Datasheet HTML 8Page - Kemet Corporation C430C472D1G5TA7293 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1040_AXIMAX_C0G • 1/10/2017
1
One world. One KEMET
Benefits
• Axial leaded form factor
• Conformally coated
• Operatingtemperaturerangeof−55°Cto+125°C
• Lead (Pb)-free, RoHS and REACH compliant
• DC voltage ratings of 25 V, 50 V, 100 V, 200 V and 250 V
• Capacitanceofferingsrangingfrom1.0pFupto0.1μF
• Available capacitance tolerances of ±0.1 pF, ±0.25 pF, ±0.5
pF, ±1%, ±2%, ±5%, and 10%
• Extremely low ESR and ESL
• High thermal stability
• High ripple current capability
Overview
KEMET’s Aximax conformally coated axial leaded ceramic
capacitorsinC0Gdielectricfeaturea125°Cmaximum
operating temperature. The Electronics Industries
Alliance (EIA) characterizes C0G dielectric as a Class I
“stable”material.Componentsofthisclassificationare
temperature compensating and are suited for resonant
circuit applications or those where Q and stability of
capacitance characteristics are required. C0G exhibits no
change in capacitance with respect to time and voltage and
boasts a negligible change in capacitance with reference
to ambient temperature. Capacitance change is limited to
±30ppm/ºCfrom−55°Cto+125°C.
Thesedevicesmeettheflametestrequirementsoutlinedin
UL Standard 94V–0.
Axial Leaded Multilayer Ceramic Capacitors
Aximax, 400 Series, Conformally Coated,
C0G Dielectric, 25 – 250 VDC (Commercial Grade)
Ordering Information
C
410
C
472
J
5
G
5
T
A
7200
Ceramic Style/
Size
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Rated
Voltage
(VDC)
Dielectric
Design
Lead Finish2
Failure
Rate
Packaging
(C-Spec)
410
412
420
430
440
C =
Standard
First two digits
represent
significant
figures.Third
digitspecifies
number of
zeros.
B = ±0.1 pF
C = ±0.25 pF
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
3 = 25
5 = 50
1 = 100
2 = 200
A = 250
G =
C0G
5 =
Multilayer
T = 100% Matte Sn
H = SnPb (60/40)
A =
N/A
Blank = Bulk
7200 = 12" Reel
7293 = Ammo
Pack
1
Additional capacitance tolerance offerings may be available. Contact KEMET for details.
2
Lead materials:
Standard: 100% matte tin (Sn) with nickel (Ni) underplate and steel core ( “T” designation).
Alternative 1: 60% tin (Sn)/40% lead (Pb) finish with copper-clad steel core ( “H” designation).
Alternative 2: 60% tin (Sn)/40% lead (Pb) finish with 100% copper core (available with “H” designation code with C-Spec).
Contact KEMET for C-Spec details.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C430C472D1G5TA7293

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C430C472D1G5TA7200 KEMET-C430C472D1G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C430C472D1G5TA7293

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C410C105K3N5TA7200 KEMET-C410C105K3N5TA7200 Datasheet
2Mb / 9P
   Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
C410C472J5H5TA7200 KEMET-C410C472J5H5TA7200 Datasheet
2Mb / 10P
   Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
C320C332JCG5TA7301 KEMET-C320C332JCG5TA7301 Datasheet
1Mb / 22P
   High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com