Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89C51X2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89C51X2
Description  80C51 8-bit Flash microcontroller family
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51X2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89C51X2 Datasheet HTML 3Page - NXP Semiconductors P89C51X2 Datasheet HTML 4Page - NXP Semiconductors P89C51X2 Datasheet HTML 5Page - NXP Semiconductors P89C51X2 Datasheet HTML 6Page - NXP Semiconductors P89C51X2 Datasheet HTML 7Page - NXP Semiconductors P89C51X2 Datasheet HTML 8Page - NXP Semiconductors P89C51X2 Datasheet HTML 9Page - NXP Semiconductors P89C51X2 Datasheet HTML 10Page - NXP Semiconductors P89C51X2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Philips Semiconductors
Preliminary data
P89C51X2/52X2/54X2/58X2
80C51 8-bit Flash microcontroller family
4K/8K/16K/32K Flash
2002 Jun 06
7
BLOCK DIAGRAM 2 (CPU-ORIENTED)
SU00845
PSEN
EA / VPP
ALE/PROG
RST
XTAL1
XTAL2
VCC
VSS
PORT 0
DRIVERS
PORT 2
DRIVERS
RAM ADDR
REGISTER
RAM
PORT 0
LATCH
PORT 2
LATCH
ROM/EPROM
REGISTER
B
ACC
STACK
POINTER
TMP2
TMP1
ALU
TIMING
AND
CONTROL
PD
OSCILLATOR
PSW
PORT 1
LATCH
PORT 3
LATCH
PORT 1
DRIVERS
PORT 3
DRIVERS
PROGRAM
ADDRESS
REGISTER
BUFFER
PC
INCRE-
MENTER
PROGRAM
COUNTER
DPTR’S
MULTIPLE
P1.0–P1.7
P3.0–P3.7
P0.0–P0.7
P2.0–P2.7
SFRs
TIMERS
8
8
16


Similar Part No. - P89C51X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C51BA PHILIPS-P89C51BA Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BBD PHILIPS-P89C51BBD Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BN PHILIPS-P89C51BN Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BP PHILIPS-P89C51BP Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51RA2BA/01 PHILIPS-P89C51RA2BA/01 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
More results

Similar Description - P89C51X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
   80C51 8-bit microcontroller family
2003 Oct 02
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com