Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

227CKE016M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 227CKE016M
Description  Small Size - High Voltage - General Purpose
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227CKE016M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  227CKE016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227CKE016M Datasheet HTML 2Page - Illinois Capacitor, Inc. 227CKE016M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CKH_CKE +105°C, Extended life 2000
hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
0.47
100
474CKH100M
282.19
12
5x11
1
50
105CKH050M
165.79
13
5x11
1
100
105CKE100M
165.79
15
5x11
1
250
105CKE250M
248.68
16
6.3x11
1
400
105CKE400M
331.57
21
8x11.5
1
450
105CKE450M
331.57
22
10x12.5
1
450
105CKE450MEBB 331.573
18
6.3x11
2.2
50
225CKH050M
75.358
20
5x11
2.2
100
225CKE100M
753.575
35
5x11
2.2
250
225CKH250M
113.036
29
6.3x11
2.2
350
225CKE350M
150.71
30
6.3x11
2.2
400
225CKE400M
150.71
26
8x11.5
2.2
450
225CKE450M
150.71
31
10x12.5
2.2
450
225CKE450MJM
150.71
30
8x11.5
3.3
50
335CKE050M
50.238
35
5x11
3.3
100
335CKE100M
40.19
35
5x11
3.3
200
335CKE200M
75.358
35
6.3x11
3.3
250
335CKE250M
75.358
44
8x11.5
3.3
250
335CKE250MGM
75.358
37
6.3x11
3.3
350
335CKE350MJM
100.477
30
8x11.5
3.3
400
335CKE400MJM
100.477
42
8x11.5
3.3
400
335CKE400M
100.477
41
10x12.5
3.3
450
335CKE450MFH
100.477
40
8x11.5
3.3
450
335CKE450MGJG 100.477
44
10x20
4.7
100
475CKE100M
35.274
40
5x11
4.7
160
475CKE160M
52.911
51
6.3x11
4.7
200
475CKE200M
52.911
53
6.3x11
4.7
250
475CKE250M
52.911
53
8x11.5
4.7
250
475CKH250M
52.911
60
10x12.5
4.7
350
475CKE350M
70.547
47
10x12.5
4.7
400
475CKE400M
70.547
55
10x16
4.7
400
475CKE400MFH
70.5474
56
8x11.5
4.7
450
475CKE450MLN
70.547
32
10x12.5
4.7
450
475CKE450M
70.547
43
10x20
6.8
50
685CKH050M
24.381
40
5x11
6.8
450 685CKE450MGBW 48.7607
90
10x16
10
50
106CKH050M
16.579
55
5x11
10
63
106CKE063M
16.579
60
5x11
10
100
106CKH100M
16.579
85
6.3x11
10
160
106CKE160M
24.868
91
8x11.5
10
200
106CKE200M
24.868
75
10x12.5
10
200
106CKE200MJM
24.868
91
8x11.5
10
250
106CKH250M
24.868
90
10x16
10
350
106CKE350M
24.868
85
10x20
10
350
106CKE350MLQ
33.157
64
10x16
10
400
106CKE400MLQ
33.157
64
10x16
10
400
106CKE400M
33.157
73
10x20
10
450
106CKE450M
33.157
65
12.5x20
10
450
106CKE450MLU
33.157
120
10x20
15
50
156CKH050M
11.052
58
5x11
15
250 156CKE250MGBW 22.1049
112
10x16
15
400
156CKE400MGJG 22.1049
150
10x20
15
450
156CKE450MTJG 22.1049
112
12.5x20
22
50
226CKH050M
7.536
80
5x11
22
63
226CKH063M
7.536
90
6.3x11
22
63
226CKE063M
7.536
80
5x11
22
100
226CKE100M
7.536
95
6.3x11
22
100
226CKH100M
7.536
150
8x11.5
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
22
160
226CKE160MLN
11.304
150
10x12.5
22
200
226CKE200MLQ
11.304
165
10x16
22
250
226CKE250MLU
11.304
180
10x20
22
350
226CKE350MNU
15.072
105
12.5x20
22
450
226CKE450MNV
15.0715
215
12.5x25
33
50
336CKE050M
5.024
100
5x11
33
63
336CKE063M
5.024
120
6.3x11
33
100
336CKE100M
5.024
145
8x11.5
33
100
336CKH100M
5.0238
260
10x12.5
33
160
336CKE160MLQ
7.536
205
10x16
33
200
336CKE200MLU
7.536
225
10x20
33
250
336CKE250M
7.536
190
12.5x20
33
350
336CKE350MNV
10.048
270
12.5x25
33
400
336CKE400M
10.048
160
16x25
33
450
336CKE450MQV
10.048
120
16x25
47
25
476CKH025M
4.9383
100
5x11
47
35
476CKE035M
4.233
92
5x11
47
50
476CKE050M
3.527
135
6.3x11
47
63
476CKE063M
3.527
145
6.3x11
47
63
476CKH063M
3.527
155
8x11.5
47
100
476CKH100M
3.527
280
10x16
47
100
476CKE100M
3.527
280
10x12.5
47
160
476CKE160MLU
5.291
270
10x20
47
200
476CKE200M
5.291
210
12.5x20
47
250
476CKE250M
5.291
320
12.5x25
47
250
476CKE250MNU
5.291
190
13x21
47
350
476CKE350M
7.055
190
16x25
47
400
476CKE400M
7.055
210
16x30
47
400
476CKE400MQV
7.055
360
16x25
47
450
476CKE450MQW
7.055
395
16x30
68
50
686CKH050M
2.438
165
8x11.5
68
63
686CKH063M
2.438
190
10x12.5
68
100
686CKH100M
2.438
300
10x16
68
160
686CKE160MTJG
4.8761
350
12.5x20
68
200
686CKE200MTJD
4.8761
380
12.5x25
68
250
686CKE250MKJG
4.8761
400
16x20
68
400
686CKE400MKAG
4.8761
475
16x30
68
450
686CKE450MKAD 4.8761
510
16x35
100
25
107CKE025MEM
2.321
125
5x11
100
35
107CKE035M
1.989
170
6.3x11
100
50
107CKH050M
1.658
230
8x11.5
100
63
107CKH063M
1.658
260
10x12.5
100
100
107CKE100MLQ
1.658
240
10x16
100
160
107CKE160M
2.487
470
12.5x25
100
250
107CKE250MQV
2.487
530
16x25
100
350
107CKE350MKCG
3.3157
510
16x40
100
350
107CKE350M
3.316
410
18x40
100
400
107CKE400M
3.316
310
18x35
150
100
157CKH100M
1.105
410
12.5x20
150
160
157CKE160MKJD 1.65786
515
16x25
150
200
157CKE200MKJD 1.65786
660
16x25
150
250
157CKE250MKAD 1.65786
750
16x35
150
450
157CKE450MLCD
2.2105
880
18x45
220
10
227CKE010M
1.6579
170
5x11
220
16
227CKE016M
1.2057
215
6.3x11
220
25
227CKE025MGM
1.055
200
6.3x11
220
35
227CKE035M
0.904
295
8x11.5
220
50
227CKE050M
0.754
350
10x12.5


Similar Part No. - 227CKE016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227CKE016M ILLINOISCAPACITOR-227CKE016M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
227CKE016M ILLINOISCAPACITOR-227CKE016M Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
227CKE016M ILLINOISCAPACITOR-227CKE016M Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
227CKE016M ILLINOISCAPACITOR-227CKE016M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
227CKE016M ILLINOISCAPACITOR-227CKE016M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 227CKE016M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
105HSM050M ILLINOISCAPACITOR-105HSM050M_16 Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com