Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA695IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695IDBVT
Description  Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA695IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA695IDBVT Datasheet HTML 1Page - Texas Instruments OPA695IDBVT Datasheet HTML 2Page - Texas Instruments OPA695IDBVT Datasheet HTML 3Page - Texas Instruments OPA695IDBVT Datasheet HTML 4Page - Texas Instruments OPA695IDBVT Datasheet HTML 5Page - Texas Instruments OPA695IDBVT Datasheet HTML 6Page - Texas Instruments OPA695IDBVT Datasheet HTML 7Page - Texas Instruments OPA695IDBVT Datasheet HTML 8Page - Texas Instruments OPA695IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
DESCRIPTION
The OPA695 is a very high bandwidth, current-feedback op
amp that combines exceptional 4300V/
µs slew rate and low
input voltage noise to deliver a precision low cost, high
dynamic range Intermediate Frequency (IF) amplifier. Opti-
mized for high gain operation, the OPA695 is ideally suited to
buffering Surface Acoustic Wave (SAW) filters in an IF strip
or delivering high output power at low distortion for cable
modem upstream line drivers. Even higher bandwidth at
lower gains gives a 1400MHz video line driver for high
resolution RGB.
FEATURES
q GAIN = +2 BANDWIDTH (1400MHz)
q GAIN = +8 BANDWIDTH (450MHz)
q OUTPUT VOLTAGE SWING:
±4.2V
q ULTRA-HIGH SLEW RATE: 4300V/
µs
q 3RD-ORDER INTERCEPT: > 40dBm (f < 50MHz)
q LOW POWER: 129mW
q LOW DISABLED POWER: 0.5mW
APPLICATIONS
q VERY WIDEBAND ADC DRIVER
q LOW-COST PRECISION IF AMPLIFIER
q BROADBAND VIDEO LINE DRIVER
q PORTABLE INSTRUMENTS
q ACTIVE FILTERS
q ARB WAVEFORM OUTPUT DRIVER
q OPA685 PERFORMANCE UPGRADE
OPA695 RELATED PRODUCTS
SINGLES
DUALS
OPA658
OPA2658
OPA691
OPA2691
OPA692
THS3202
OPA693
The OPA695’s low 12.9mA supply current is precisely
trimmed at +25
°C. This trim, along with a low temperature
drift, gives low system power over temperature. System
power may be further reduced using the optional disable
control pin. Leaving this pin open, or holding it HIGH, gives
normal operation. If pulled LOW, the OPA695 supply current
drops to less than 170
µA. This power-saving feature, along
with exceptional single +5V operation and ultra-small
SOT23-6 packaging, make the OPA695 ideal for portable
applications.
OPA6
95
OPA6
95
OPA695
SBOS293B – DECEMBER 2003 – REVISED MARCH 2004
www.ti.com
Copyright © 2003-2004, Texas Instruments Incorporated
Ultra-Wideband, Current-Feedback
OPERATIONAL AMPLIFIER With Disable
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
OPA695
+5V
511
75
75
V
LOAD
V
IN
RG-59
75
511
−5V
Gain 2V/V Video Line Driver
1.2
1
0.8
0.6
0.4
0.2
0
−0.2
Time (1ns/div)
GAIN OF +2V/V VIDEO LINE DRIVER
PULSE RESPONSE
Voltage at
Matched Load
125MHz Input


Similar Part No. - OPA695IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDBVT TI1-OPA695IDBVT Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDBVTG4 TI1-OPA695IDBVTG4 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDBVTG4 TI1-OPA695IDBVTG4 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results

Similar Description - OPA695IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com