Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM7812SM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM7812SM
Description  SURFACE MOUNT POSITIVE FIXED VOLTAGE REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM7812SM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM7812SM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7812SM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM7805SM OM78012SM OM78015SM
3.5
ELECTRICAL CHARACTERISTICS IO = 500mA, -55°C ≤TA ≤ 125°C (unless otherwise specified.)
OM7805SM: VIN = 10V; OM7812SM: VIN = 19V; OM7815SM: VIN = 23V.
Parameter
Part Number
Conditions
Min.
Max.
Units
Output Voltage, VOUT
OM7805SM
VIN = 7.5V to 20V
4.85
5.15
V
OM7812SM
VIN = 14.5V to 27V
11.64
12.36
V
OM7815SM
V
IN = 18.5V to 30V
14.55
15.45
V
Line Regulation, VRLINE
VIN = 7.5V to 20V
10
mV
(Note 1)
OM7805SM
•24
mV
VIN = 8.0V to 12V
8mV
•20
mV
VIN = 14.5V to 27V
36
mV
OM7812SM
100
mV
VIN = 16V to 22V
18
mV
•60
mV
VIN = 17.5V to 30V
40
mV
OM7815SM
110
mV
VIN = 20V to 26V
30
mV
100
mV
Load Regulation, VRLOAD
IO = 5mA to 1.0Amp
16
mV
(Note 1)
OM7805SM
•33
mV
IO = 250mA to 750mA
15
mV
•30
mV
IO = 5mA to 1.5Amp
42
mV
OM7812SM
•80
mV
IO = 250mA to 750mA
40
mV
•80
mV
IO = 5mA to 1.0Amp
46
mV
OM7815SM
•86
mV
IO = 250mA to 750mA
40
mV
•80
mV
Standby Current Drain, ISCD
7.2
mA
8.0
mA
Standby Current Drain Change
OM7805SM
VIN = 7.5V to 20V
1.0
mA
With Line, ∆ISCD (Line)
OM7812SM
VIN = 15V to 30V
1.0
mA
OM7815SM
VIN = 18.5V to 30V
1.0
mA
Standby Current Drain Change
With Load, ∆ISCD (Load)
I
O
= 5mA to 1000mA
.6
mA
Dropout Voltage
T
A = 25°C, ∆VOUT = 100mV, IO = 1.0A
2.5
V
Peak Output Current, IO (pk)
TA = 25°C
.70
2.0
A
Short Circuit Current, IDS
VIN = 35V
1.0
A
(Note 2)
2.0
A
Ripple Rejection
OM7805SM
f = 120Hz, ∆VIN = 10V
63
dB
•60
dB
OM7812SM
f = 120Hz, ∆VIN = 10V
59
dB
•54
dB
OM7815SM
f = 120Hz, ∆VIN = 10V
54
dB
•52
dB
RMS Output Noise, NO (Note 3)
TA = 25°C, f = 10Hz to100kHz
40
µV/V rms
Long Term Stability (Note 3)
OM7805SM
75
mV
OM7812SM
TA = 25°C, t = 1000 hrs.
120
mV
OM7815SM
150
mV
Note 1: Load and line regulation are specified at a constant junction temperature. Pulse testing with low
duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately.
Note 2: Short Circuit protection is only assured up to VIN = 35V
Note 3: If not tested, shall be guaranteed to the specified limits.
The • denotes the specifications which apply over the full operating temperature range. If not noted TA = 25°C
∆VIN
∆t
∆VIN
∆VOUT


Similar Part No. - OM7812SM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7812AIH IRF-OM7812AIH Datasheet
39Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
OM7812H IRF-OM7812H Datasheet
39Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
OM7812IH IRF-OM7812IH Datasheet
39Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
More results

Similar Description - OM7812SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7639SM ETC1-OM7639SM Datasheet
31Kb / 4P
   SURFACE MOUNT POSITIVE VOLTAGE REGULATOR, 3-TERMINAL, FIXED VOLTAGE
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com