Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

475CKE160M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 475CKE160M
Description  Small Size - High Voltage - General Purpose
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475CKE160M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  475CKE160M Datasheet HTML 1Page - Illinois Capacitor, Inc. 475CKE160M Datasheet HTML 2Page - Illinois Capacitor, Inc. 475CKE160M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CKH_CKE +105°C, Extended life 2000
hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
220
50
227CKH050M
0.7536
510
10x16
220
63
227CKH063M
0.7536
505
10x20
220
63
227CKE063M
0.754
390
10x16
220
100
227CKE100M
0.754
660
12.5x25
220
100
227CKH100M
0.7536
960
16x25
220
100
227CKE100MNU
0.754
390
12.5x20
220
160
227CKE160MQW
1.13
860
16x30
220
200
227CKE200M
1.13
920
16x35
220
250
227CKE250MLCG
1.5071
1010
18x40
220
250
227CKE250M
1.13
485
18x35
330
10
337CKE010M
1.1052
240
6.3x11
330
16
337CKE016MGM
0.8038
225
6.3x11
330
25
337CKE025M
0.4938
340
8x11.5
330
35
337CKE035M
0.603
420
10x12.5
330
50
337CKE050M
0.502
590
10x16
330
50
337CKH050M
0.502
490
10x20
330
63
337CKH063M
0.502
690
12.5x20
330
100
337CKH100M
0.502
1000
16x25
330
100
337CKE100M
0.502
800
12.5x25
330
160
337CKE160MKCG
1.0048
1200
16x40
330
200
337CKE200M
0.754
675
18x40
470
10
477CKE010M
0.776
285
6.3x11
470
16
477CKE016M
0.5644
365
8x11.5
470
16
477CKH016M
0.5644
440
10x12.5
470
25
477CKE025M
0.4938
470
10x12.5
470
35
477CKE035M
0.423
545
10x16
470
50
477CKE050M
0.353
705
10x20
470
50
477CKH050M
0.353
630
12.5x20
470
63
477CKH063M
0.353
690
12.5x25
470
63
477CKE063M
0.353
810
12.5x20
470
100
477CKE100M
0.353
1050
16x25
680
6.3
687CKH6R3M
0.0585
375
10x12.5
680
16
687CKH016M
0.3901
490
10x16
680
35
687CKE035MGJG
0.2926
680
10x20
680
50
687CKE050MTJG
0.2438
925
12.5x20
680
63
687CKH063M
0.244
925
16x25
1000
6.3
108CKE6R3M
0.3979
445
8x11.5
1000
10
108CKE010M
0.3647
570
10x12.5
1000
16
108CKE016M
0.2653
680
10x16
1000
16
108CKE016MLN
0.2653
500
10x12.5
1000
16
108CKH016M
0.2653
720
10x20
1000
25
108CKE025MLQ
0.2321
610
10x16
1000
25
108CKE025M
0.2321
820
10x20
1000
35
108CKH035M
0.199
1025
12.5x20
1000
50
108CKH050M
0.166
1010
16x25
1000
50
108CKE050M
0.166
1285
12.5x25
1000
63
108CKE063M
0.166
1450
16x25
1000
100
108CKE100M
0.166
2020
18x40
1000
100
108CKE100MRY
0.166
1000
18x35
1500
6.3
158CKH6R3M
0.2874
585
10x20
1500
16
158CKH016M
0.1989
800
12.5x20
1500
25
158CKH025M
0.1768
905
12.5x25
1500
35
158CKH035M
0.1547
1140
16x25
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
1500
35
158CKE035MTJD
0.1326
1125
12.5x25
1500
50
158CKH050M
0.1326
1250
18x30
2200
6.3
228CKE6R3M
0.211
740
10x16
2200
10
228CKE010MLQ
0.1959
705
10x16
2200
10
228CKE010M
0.1959
900
10x20
2200
16
228CKE016M
0.1507
1110
12.5x20
2200
16
228CKH016M
0.1507
1250
12.5x25
2200
16
228CKE016MLU
0.1507
710
10x20
2200
25
228CKH025M
0.1356
1210
16x25
2200
25
228CKE025M
0.1356
1175
12.5x25
2200
35
228CKE035M
0.1206
1500
16x25
2200
35
228CKH035M
0.121
1730
16x30
2200
50
228CKH050M
0.106
1700
18x35
2200
50
228CKE050MQW
0.1055
1410
16x30
2200
50
228CKE050M
0.1055
1885
16x35
3300
6.3
338CKE6R3M
0.1507
1030
10x20
3300
10
338CKE010M
0.1407
1205
12.5x20
3300
16
338CKE016M
0.1105
1390
12.5x25
3300
25
338CKE025M
0.1005
1645
16x25
3300
25
338CKH025M
0.1005
1800
16x30
3300
35
338CKE035MQW
0.0905
1810
16x30
3300
35
338CKE035M
0.0905
1820
16x35
3300
50
338CKE050M
0.0804
2165
18x35
4700
10
478CKE010M
0.1058
1490
12.5x25
4700
10
478CKH010M
0.1058
1350
16x25
4700
16
478CKH016M
0.0847
1560
16x30
4700
16
478CKE016M
0.0847
1740
16x25
4700
25
478CKE025M
0.0776
2010
16x30
4700
25
478CKE025MQV
0.0776
1570
16x25
4700
35
478CKE035MQY
0.0706
1780
16x35
4700
35
478CKE035M
0.0706
2335
18x35
6800
6.3
688CKE6R3M
0.08777
1555
12.5x25
6800
10
688CKE010M
0.0756
1825
16x25
6800
16
688CKE016M
0.0707
2080
16x30
6800
16
688CKE016MQV
0.0707
1600
16x25
6800
25
688CKE025MQY
0.0634
2308
16x35
6800
25
688CKE025M
0.0634
2170
18x35
6800
35
688CKE035M
0.0585
2400
18x40
10000
6.3
109CKE6R3M
0.06963
1900
16x25
10000
6.3
109CKH6R3M
0.06963
1730
16x30
10000
10
109CKH010M
0.0663
2030
18x35
10000
10
109CKE010MQW
0.0663
1980
16x30
10000
16
109CKE016M
0.0564
2380
16x35
10000
25
109CKE025MLAD
0.0547
2500
18x35
10000
25
109CKE025M
0.0531
2000
18x40
15000
6.3
159CKE6R3MQW 0.05747
1820
16x30
15000
6.3
159CKE6R3M
0.05747
2140
16x35
15000
10
159CKE010MQY
0.0553
2050
16x35
15000
10
159CKE010M
0.0553
2370
18x35
15000
16
159CKE016M
0.0486
2210
18x40
22000
6.3
229CKE6R3MRY
0.04979
2400
18x35
22000
10
229CKE010M
0.0482
2410
18x40


Similar Part No. - 475CKE160M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475CKE160M ILLINOISCAPACITOR-475CKE160M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
475CKE160M ILLINOISCAPACITOR-475CKE160M Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
475CKE160M ILLINOISCAPACITOR-475CKE160M Datasheet
310Kb / 3P
   Extended life 2000 hour
475CKE160M ILLINOISCAPACITOR-475CKE160M Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
475CKE160M ILLINOISCAPACITOR-475CKE160M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 475CKE160M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
105HSM050M ILLINOISCAPACITOR-105HSM050M_16 Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com