Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

107SML063M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part No. 107SML063M
Description  Small Size Low Cost
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Homepage  http://www.illinoiscapacitor.com
Logo 

107SML063M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SML
+85°C Standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
100
35
107SML035M
2.321
120
6.3x7.7
100
50
107SML050M
1.99
200
8x10.5
100
50
107SML050MD10
1.99
250
10x10.5
100
63
107SML063M
1.99
280
10x10.5
150
4
157SML004M
3.868
84
6.3x5.4
150
10
157SML010M
2.653
88
6.3x5.4
150
16
157SML016M
2.21
135
6.3x7.7
150
35
157SML035MD8
1.547
220
8x10.5
220
4
227SML004M
2.64
110
6.3x5.4
220
6.3
227SML6R3M
2.11
91
6.3x5.8
220
10
227SML010M
1.8086
250
8x6.5
220
16
227SML016MD8
1.507
280
8x10.5
220
16
227SML016M
1.507
162
6.3x7.7
220
25
227SML025M
1.206
250
10x7.7
220
25
227SML025MD8
1.206
230
8x10.5
220
35
227SML035MD10
0.9
310
10x10.5
220
35
227SML035M
0.9
270
8x10.5
220
50
227SML050M
0.9043
320
10x10.5
330
6.3
337SML6R3M
1.407
188
6.3x7.7
330
6.3
337SML6R3MD8
1.407
190
8x6.2
330
25
337SML025MD10
0.7
340
10x10.5
330
25
337SML025M
0.7
270
8x10.5
330
35
337SML035M
0.703
360
10x10.5
470
4
477SML004M
1.24
150
6.3x7.7
470
6.3
477SML6R3M
0.9877
380
8x10.5
470
10
477SML010MD8
0.8466
390
8x10.5
470
16
477SML016MD10 0.7055
330
10x10.5
470
16
477SML016M
0.56
350
8x10.5
470
25
477SML025M
0.49
430
10x10.5
1000
4
108SML004MD8
0.58
300
8x10.5
1000
6.3
108SML6R3M
0.464
370
8x10.5
1000
10
108SML010M
0.398
580
10x10.5
1500
6.3
158SML6R3M
0.3095
750
10x10.5


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn