Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

107SML063M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part No. 107SML063M
Description  Small Size Low Cost
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Homepage  http://www.illinoiscapacitor.com
Logo 

107SML063M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SML
+85°C Standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
0.1
50
104SML050MD4
1989.44
3.2
4x5.4
0.22
50
224SML050MD4
904.29
4.7
4x5.4
0.33
50
334SML050MD4
602.86
5.7
4x5.4
0.47
50
474SML050MD4
423.28
6.8
4x5.4
1
50
105SML050MD4
198.944
10
4x5.4
2.2
50
225SML050MD4
90.429
15
4x5.4
3.3
50
335SML050M
60.29
18
4x5.4
3.3
100
335SML100M
50.24
28
6.3x5.8
4.7
35
475SML035M
49.38
20
4x5.4
4.7
50
475SML050M
42.33
24
4x5.4
4.7
50
475SML050MD5
42.33
25
5x5.4
4.7
100
475SML100MD8
3.53
60
8x10.5
10
16
106SML016M
33.16
26
4x5.4
10
35
106SML035M
23.21
34
5x5.4
10
35
106SML035MD4
23.21
24
4x5.4
10
50
106SML050MD5
19.894
41
5x5.4
10
50
106SML050M
19.894
43
6.3x5.4
10
63
106SML063MEL
19.89
50
6.3x7.7
10
63
106SML063M
19.89
34
6.3x5.4
10
100
106SML100M
16.57
50
6.3x7.7
10
100
106SML100MD8
16.579
85
8x10.5
22
6.3
226SML6R3M
21.1
31
4x5.4
22
16
226SML016M
12.057
44
5x5.4
22
16
226SML016MD4
12.057
30
4x5.4
22
25
226SML025MD5
12.06
38
5x5.4
22
35
226SML035M
10.55
59
6.3x5.4
22
50
226SML050M
9.043
71
6.3x5.4
22
63
226SML063MD8
9.043
120
8x10.5
22
63
226SML063M
9.04
70
6.3x7.7
22
100
226SML100M
7.54
120
8x10.5
33
4
336SML004M
17.58
31
4x5.4
33
10
336SML010MD4
12.057
34
4x5.4
33
10
336SML010M
12.057
48
5x5.4
33
25
336SML025M
8.038
67
6.3x5.4
33
25
336SML025MD5
8.038
46
5x5.4
33
35
336SML035M
7.033
65
6.3x5.4
33
50
336SML050M
6.029
85
6.3x7.7
33
50
336SML050MD8
6.029
95
8x6.2
33
63
336SML063M
6.03
117
8x10.5
33
100
336SML100M
5.02
100
8x10.5
47
4
476SML004M
12.35
37
4x5.4
47
6.3
476SML6R3MD4
9.877
40
4x5.4
47
6.3
476SML6R3M
9.877
52
5x5.4
47
16
476SML016M
7.055
75
6.3x5.4
47
16
476SML016MD5
7.055
52
5x5.4
47
25
476SML025M
5.644
70
6.3x5.4
47
35
476SML035M
4.938
70
6.3x5.8
47
35
476SML035MD8
4.938
105
8x6.2
47
50
476SML050M
4.23
105
6.3x7.7
47
50
476SML050MD8
4.23
140
8x10.5
47
63
476SML063M
4.23
170
8x10.5
47
100
476SML100M
3.5274
130
10x10.5
68
6.3
686SML6R3M
6.826
50
5x5.4
68
16
686SML016M
4.876
78
6.3x5.4
100
4
107SML004M
5.83
63
5x5.4
100
6.3
107SML6R3M
4.642
54
5x5.4
100
16
107SML016M
3.316
103
6.3x5.4
100
25
107SML025M
2.653
145
8x6.2


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn