Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476RSS6R3M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 476RSS6R3M
Description  Coupling ??Blocking ??Bypass ??Filtering
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476RSS6R3M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  476RSS6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 476RSS6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RSS
+85°C, 7 to 15mm Height
1000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
1
50
105RSS050M
165.786
10
4x7
2.2
50
225RSS050M
75.358
20
4x7
3.3
50
335RSS050M
50.238
25
4x7
4.7
35
475RSS035M
42.328
25
4x7
4.7
50
475RSS050M
35.274
30
5x7
10
16
106RSS016M
28.184
40
4x7
10
35
106RSS035M
19.894
45
5x7
10
50
106RSS050M
16.579
50
6.3x7
22
16
226RSS016M
12.811
45
5x7
22
35
226RSS035M
9.043
70
6.3x7
33
10
336RSS010M
10.0477
50
5x7
33
25
336RSS025M
7.536
70
6.3x7
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
47
6.3
476RSS6R3M
7.055
80
5x7
47
16
476RSS016M
5.997
80
6.3x7
100
6.3
107RSS6R3M
4.145
90
6.3x7
100
25
107RSS025M
2.487
135
8x9
100
35
107RSS035M
1.989
160
10x9
220
10
227RSS010M
1.507
165
8x9
220
16
227RSS016M
1.281
202
10x9
470
6.3
477RSS6R3M
0.882
238
10x9
470
35
477RSS035M
0.423
524
10x12.5
1000
16
108RSS016M
0.282
655
12.5x15
1000
35
108RSS035M
0.199
1000
16x15
2200
16
228RSS016M
0.1583
940
16x15


Similar Part No. - 476RSS6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476RSS6R3M ILLINOISCAPACITOR-476RSS6R3M Datasheet
87Kb / 2P
   85째C Low Profile 85째C Low Profile Electrolytic Capacitors
476RSS6R3M ILLINOISCAPACITOR-476RSS6R3M Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
476RSS6R3M ILLINOISCAPACITOR-476RSS6R3M Datasheet
194Kb / 2P
   7 to 15mm Height 1000 hours
476RSS6R3M ILLINOISCAPACITOR-476RSS6R3M Datasheet
189Kb / 2P
   Small size ??Low Prfile ??Lead Free Leads
476RSS6R3M ILLINOISCAPACITOR-476RSS6R3M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
More results

Similar Description - 476RSS6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106SML050M ILLINOISCAPACITOR-106SML050M Datasheet
306Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
107RSS035M ILLINOISCAPACITOR-107RSS035M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
106TTA035MSD ILLINOISCAPACITOR-106TTA035MSD Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
226TTA100M ILLINOISCAPACITOR-226TTA100M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
107AXZ050M ILLINOISCAPACITOR-107AXZ050M Datasheet
240Kb / 2P
   Filtering ??Bypass/ Coupling ??De-Coupling
logo
AVX Corporation
W3F45C2218AT1A AVX-W3F45C2218AT1A Datasheet
273Kb / 10P
   EMI Filtering, Broadband Filtering, LCD Filtering
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
   Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
logo
Solid States Devices, I...
1N7066FL SSDI-1N7066FL Datasheet
142Kb / 3P
   10 AMP SOLAR ARRAY BYPASS BLOCKING DIODE 100 - 200 VOLTS
logo
KEC(Korea Electronics)
PF0380UDF8 KEC-PF0380UDF8 Datasheet
435Kb / 1P
   EMI Filtering TVS
PF0633UDF8 KEC-PF0633UDF8 Datasheet
436Kb / 1P
   EMI Filtering TVS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com