Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8502D50R2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8502D50R2
Description  Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8502D50R2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8502D50R2 Datasheet HTML 5Page - ON Semiconductor NCV8502D50R2 Datasheet HTML 6Page - ON Semiconductor NCV8502D50R2 Datasheet HTML 7Page - ON Semiconductor NCV8502D50R2 Datasheet HTML 8Page - ON Semiconductor NCV8502D50R2 Datasheet HTML 9Page - ON Semiconductor NCV8502D50R2 Datasheet HTML 10Page - ON Semiconductor NCV8502D50R2 Datasheet HTML 11Page - ON Semiconductor NCV8502D50R2 Datasheet HTML 12Page - ON Semiconductor NCV8502D50R2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCV8502 Series
http://onsemi.com
9
CIRCUIT DESCRIPTION
REGULATOR CONTROL FUNCTIONS
The NCV8502 contains the microprocessor compatible
control function RESET (Figure 12).
Figure 12. Reset and Delay Circuit Wave Forms
VIN
VOUT
RESET
DELAY
(VDT)
Threshold
DELAY
Threshold
RESET
Td
Td
RESET Function
A RESET signal (low voltage) is generated as the IC
powers up until VOUT is within 6.0% of the regulated output
voltage, or when VOUT drops out of regulation,and is lower
than 8.0% below the regulated output voltage. Hysteresis is
included in the function to minimize oscillations.
The RESET output is an open collector NPN transistor,
controlled by a low voltage detection circuit. The circuit is
functionally independent of the rest of the IC thereby
guaranteeing that the RESET signal is valid for VOUT as low
as 1.0 V.
Adjustable Reset Function
The reset threshold can be made lower by connecting an
external resistor divider to the RADJ lead from the VOUT
lead, as displayed in Figure 13. This lead is grounded to
select the default value of 4.6 V.
Figure 13. Adjustable RESET
RADJ
to
mP and
System
Power
RRST
VOUT
COUT
RESET
CDELAY
DELAY
NCV8502
to
mP and
RESET
Port
DELAY Function
The reset delay circuit provides a programmable (by
external capacitor) delay on the RESET output lead.
The DELAY lead provides source current (typically 2.5
mA)
to the external DELAY capacitor during the following
proceedings:
1. During Power Up (once the regulation threshold
has been verified).
2. After a reset event has occurred and the device is
back in regulation. The DELAY capacitor is
discharged when the regulation (RESET threshold)
has been violated. This is a latched incident. The
capacitor will fully discharge and wait for the
device to regulate before going through the delay
time event again.
FLAG/Monitor Function
An on−chip comparator is provided to perform an early
warning to the microprocessor of a possible reset signal. The
reset signal typically turns the microprocessor off
instantaneously. This can cause unpredictable results with
the microprocessor. The signal received from the FLAG pin
will allow the microprocessor time to complete its present
task before shutting down. This function is performed by a
comparator referenced to the bandgap reference. The actual
trip point can be programmed externally using a resistor
divider to the input monitor (MON) (Figure 14). The typical
threshold is 1.20 V on the MON pin.
Figure 14. FLAG/Monitor Function
VBAT
VIN
MON
VOUT
COUT
VCC
I/O
RESET
mP
FLAG
RESET
GND
DELAY
NCV8502
RADJ
Voltage Adjust
Figure 15 shows the device setup for a user configurable
output voltage. The feedback to the VADJ pin is taken from
a voltage divider referenced to the output voltage. The loop
is balanced around the Unity Gain threshold (1.28 V
typical).
Figure 15. Adjustable Output Voltage
VOUT
VADJ
NCV8502
15 k
5.1 k
COUT
≈5.0 V
1.28 V


Similar Part No. - NCV8502D50R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502D50R2 ONSEMI-NCV8502D50R2 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502D50R2G ONSEMI-NCV8502D50R2G Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502D50R2G ONSEMI-NCV8502D50R2G Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
More results

Similar Description - NCV8502D50R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com