Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD15N06 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NTD15N06
Description  Power MOSFET 15 Amps, 60 Volts
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD15N06 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NTD15N06 Datasheet HTML 2Page - ON Semiconductor NTD15N06 Datasheet HTML 3Page - ON Semiconductor NTD15N06 Datasheet HTML 4Page - ON Semiconductor NTD15N06 Datasheet HTML 5Page - ON Semiconductor NTD15N06 Datasheet HTML 6Page - ON Semiconductor NTD15N06 Datasheet HTML 7Page - ON Semiconductor NTD15N06 Datasheet HTML 8Page - ON Semiconductor NTD15N06 Datasheet HTML 9Page - ON Semiconductor NTD15N06 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NTD15N06
http://onsemi.com
9
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of
control settings that will give the desired heat pattern. The
operator must set temperatures for several heating zones,
and a figure for belt speed. Taken together, these control
settings make up a heating “profile” for that particular
circuit board. On machines controlled by a computer, the
computer remembers these profiles from one operating
session to the next. Figure 17 shows a typical heating
profile for use when soldering a surface mount device to a
printed circuit board. This profile will vary among
soldering systems but it is a good starting point. Factors that
can affect the profile include the type of soldering system in
use, density and types of components on the board, type of
solder used, and the type of board or substrate material
being used. This profile shows temperature versus time.
The line on the graph shows the actual temperature that
might be experienced on the surface of a test board at or
near a central solder joint. The two profiles are based on a
high density and a low density board. The Vitronics
SMD310 convection/infrared reflow soldering system was
used to generate this profile. The type of solder used was
62/36/2 Tin Lead Silver with a melting point between
177 −189
°C. When this type of furnace is used for solder
reflow work, the circuit boards and solder joints tend to
heat first. The components on the board are then heated by
conduction. The circuit board, because it has a large surface
area, absorbs the thermal energy more efficiently, then
distributes this energy to the components. Because of this
effect, the main body of a component may be up to 30
degrees cooler than the adjacent solder joint.
STEP 1
PREHEAT
ZONE 1
“RAMP”
STEP 2
VENT
“SOAK”
STEP 3
HEATING
ZONES 2 & 5
“RAMP”
STEP 4
HEATING
ZONES 3 & 6
“SOAK”
STEP 5
HEATING
ZONES 4 & 7
“SPIKE”
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
5
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO 219°C
PEAK AT
SOLDER
JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
Figure 17. Typical Solder Heating Profile


Similar Part No. - NTD15N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD15N06L ONSEMI-NTD15N06L Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
NTD15N06L-1 ONSEMI-NTD15N06L-1 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
NTD15N06LT4 ONSEMI-NTD15N06LT4 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
More results

Similar Description - NTD15N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD15N06L ONSEMI-NTD15N06L Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
NTP18N06LG ONSEMI-NTP18N06LG Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
   Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
   Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTD32N06LT4G ONSEMI-NTD32N06LT4G Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD60N03 ONSEMI-NTD60N03 Datasheet
89Kb / 10P
   Power MOSFET 60 Amps, 28 Volts
March, 2003 - Rev. 5
NTP27N06L ONSEMI-NTP27N06L Datasheet
66Kb / 8P
   Power MOSFET 27 Amps, 60 Volts
January, 2005 ??Rev. 3
NTB45N06 ONSEMI-NTB45N06_11 Datasheet
148Kb / 7P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com