Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE57610BDH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE57610BDH
Description  Li-ion battery charger control with adjustable thresholds
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57610BDH Datasheet(HTML) 5 Page - NXP Semiconductors

  NE57610BDH Datasheet HTML 1Page - NXP Semiconductors NE57610BDH Datasheet HTML 2Page - NXP Semiconductors NE57610BDH Datasheet HTML 3Page - NXP Semiconductors NE57610BDH Datasheet HTML 4Page - NXP Semiconductors NE57610BDH Datasheet HTML 5Page - NXP Semiconductors NE57610BDH Datasheet HTML 6Page - NXP Semiconductors NE57610BDH Datasheet HTML 7Page - NXP Semiconductors NE57610BDH Datasheet HTML 8Page - NXP Semiconductors NE57610BDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product data
NE57610
Li-ion battery charger control
with adjustable thresholds
2002 Nov 05
5
DC ELECTRICAL CHARACTERISTICS
Characteristic of the NE57610Y.
SYMBOL
PARAMETER
CONDITIONS
Pin
Min.
Typ.
Max.
UNIT
ICC
Supply current
18
5.0
7.0
mA
VREF
Reference voltage
5
1.207
V
VADPL
AC Adaptor detection voltage L
VCC: H → L
20
2.35
2.45
2.55
V
VADPL(hys)
AC Adaptor detection voltage L
Hysteresis voltage
20
50
100
150
mV
VADPH
AC Adaptor detection voltage H
VCC: L → H
20
6.1
6.3
6.5
V
VADPH(hys)
AC Adaptor detection voltage H
Hysteresis voltage
20
50
100
150
mV
ZADPL
Impedance for AC Adaptor detection
output L
20
30
k
IBAT
BAT pin leakage current
13, 14,
15
1
µA
VBAT
BAT pin output voltage
Tamb = 0 ∼ +50 °C
13
4.070
4.100
4.130
V
VDRV
DRV pin output voltage
IDRV = 20 mA
17
0.5
V
ION/OFF
ON/OFF pin input current
1
40
60
80
µA
VON/OFF
ON/OFF pin input voltage H
ON/OFF: OFF
1
0.6
1.20
V
VON/OFF
ON/OFF pin input voltage L
ON/OFF: ON
1
0.25
V
Ireset
RESET pin input current
2
40
60
80
µA
Vreset(high)
RESET pin input voltage H
Charge control circuit: OFF
2
0.6
1.20
V
Vreset(low)
RESET pin input voltage L
Charge control circuit: ON
2
0.25
V
VL1
Current limit 1
Quick charge
14, 15
0.20
0.22
0.24
V
VL2
Current limit 2
Pre-charge
14, 15
21
26
31
mV
VF
Full charge detection
RCS ⋅ Icharge
14, 15
13
18
23
mV
VLV
Undervoltage voltage detection voltage
VBAT: L → H
13
1.90
2.00
2.10
V
VLV(hys)
Low voltage detection voltage Hysteresis
voltage
13
25
50
100
mV
VP
Pre-charge detection voltage
VBAT: L → H
13
2.80
2.90
3.00
V
VP(hys)
Pre-charge detection voltage Hysteresis
voltage
13
25
50
100
mV
VR
Re-charge detection voltage
VBAT: H → L
13
3.85
3.90
3.95
V
VOV
Overvoltage detection voltage
VBAT: L → H
13
4.30
4.35
4.40
V
VTH
Battery temperature detection voltage H
Low temperature 3
°C ± 3 °C
detection
12
0.835
0.860
0.885
V
VTL1
Battery temperature detection voltage L1
High temperature 43
°C ± 3 °C
detection (charging start)
12
0.390
0.413
0.435
V
VTL2
Battery temperature detection voltage L2
High temperature 50
°C ± 3 °C
detection (during charging)
12
0.335
0.353
0.370
V
IT
TDET input bias current
12
30
150
nA
VLEDR
R_LED pin output voltage
ILEDR = 10 mA
22
0.4
V
VLEDG
G_LED pin output voltage
ILEDG = 10 mA
21
0.4
V
∆T
Timer error time
Not including external
deviation (Note 2)
21, 22
–10
10
%
NOTES:
1. Current limits 1 and 2 and full charge detection are specified as current detection resistor voltage drop.
2. Use a capacitor with good temperature characteristics in the oscillator. Capacitor deviation will contribute to timer error.


Similar Part No. - NE57610BDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
NE57611BDH PHILIPS-NE57611BDH Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
More results

Similar Description - NE57610BDH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com