Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5517D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NE5517D
Description  Dual operational transconductance amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5517D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NE5517D Datasheet HTML 7Page - NXP Semiconductors NE5517D Datasheet HTML 8Page - NXP Semiconductors NE5517D Datasheet HTML 9Page - NXP Semiconductors NE5517D Datasheet HTML 10Page - NXP Semiconductors NE5517D Datasheet HTML 11Page - NXP Semiconductors NE5517D Datasheet HTML 12Page - NXP Semiconductors NE5517D Datasheet HTML 13Page - NXP Semiconductors NE5517D Datasheet HTML 14Page - NXP Semiconductors NE5517D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductor
Product data
NE5517/NE5517A/
AU5517
Dual operational transconductance amplifier
2002 Dec 06
11
APPLICATION HINTS
To hold the transconductance gM within the linear range, IABC
should be chosen not greater than 1 mA. The current mirror ratio
should be as accurate as possible over the entire current range. A
current mirror with only two transistors is not recommended. A
suitable current mirror can be built with a PNP transistor array which
causes excellent matching and thermal coupling among the
transistors. The output current range of the DAC normally reaches
from 0 to –2 mA. In this application, however, the current range is
set through RREF (10 kΩ) to 0 to –1 mA.
I
DACMAX + 2 @
V
REF
R
REF
+ 2 @
5V
10k
W +
1mA
4
6
3
+
NE5517
5
11
1
7
8
VIN
R4 = R2/ /R3
+VCC
VC
R2
R3
R1
RL
RS
+VCC
INT
VOUT
–VCC
IOUT
IABC
TYPICAL VALUES: R1 = 47k
R2 = 10k
R3 = 200Ω
R4 = 200Ω
RL = 100k
RS = 47k
INT
SL00315
Figure 10.
4
3
+
NE5517/A
11
+VCC
8
VOUT1
–VCC
13
6
14
+
NE5517/A
9
VC
RS
VOUT2
–VCC
VIN1
VIN2
30k
10k
10k
RIN
RIN
RP
+VCC
RD
15k
1
16
12
10k
RL
5.1k
+VCC
INT
INT
+VCC
10k
RL
10
IABC
IABC
15
15k
RP
+VCC
RD
1k
RC
1k
SL00316
Figure 11. Gain-Controlled Stereo Amplifier


Similar Part No. - NE5517D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5517D PHILIPS-NE5517D Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517D ONSEMI-NE5517D Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517D ONSEMI-NE5517D Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
NE5517DG ONSEMI-NE5517DG Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517DG ONSEMI-NE5517DG Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
More results

Similar Description - NE5517D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com