Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE57610 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NE57610
Description  Li-ion battery charger control with adjustable thresholds
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57610 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NE57610 Datasheet HTML 5Page - NXP Semiconductors NE57610 Datasheet HTML 6Page - NXP Semiconductors NE57610 Datasheet HTML 7Page - NXP Semiconductors NE57610 Datasheet HTML 8Page - NXP Semiconductors NE57610 Datasheet HTML 9Page - NXP Semiconductors NE57610 Datasheet HTML 10Page - NXP Semiconductors NE57610 Datasheet HTML 11Page - NXP Semiconductors NE57610 Datasheet HTML 12Page - NXP Semiconductors NE57610 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product data
NE57610
Li-ion battery charger control
with adjustable thresholds
2002 Nov 05
9
TECHNICAL DISCUSSION
Lithium-ion cells: general information
Lithium-ion and polymer cells have higher voltage than nickel
cadmium (NiCd) or nickel metal hydride (NiMH) rechargeable cells.
The average operating voltage of a lithium-ion or polymer cell is
3.6 V compared to the 1.2 V of NiCd and NiMH cells. The internal
resistances of the various types of lithium cells are 50 m
Ω to
300 m
Ω, compared to the 5 mΩ to 50 mΩ of the nickel chemistries.
This makes Lithium-ion and polymer cells better for lower battery
current applications, less than 1 ampere, such as cellular and
wireless telephones, palmtop and laptop computers, etc.
Lithium-ion and polymer cells are safe as long as the cell is
maintained within a particular set of operating boundaries. The cells
have a porous carbon, or graphite anode where individual lithium
ions can lodge themselves within the pores. This keeps the lithium
ions separated, and any hazardous condition is avoided, if the cell is
kept within the safe operating boundaries.
A lithium cell protection circuit is placed within the battery pack. It
monitors the level of voltage across each cell for overcharge and
overdischarge conditions, and the discharge current in the event of
an overcurrent or short-circuit condition. If the lithium cell is
overcharged, pure metallic lithium plates out onto the surface of the
anode. Also volatile gas is generated within the cell. This creates a
hazard. Conversely, if the cell were allowed to over-discharge (Vcell
less than typically 2.3 V), the chemistry of the cell changes and the
copper metal used in its construction enters the electrolyte solution.
This severely shortens the cycle life of the cell, but presents no
future safety hazard. When the cell experiences high charge or
discharge currents, then the internal series resistance of the cell
creates heating and generation of the volatile gas which could again
present a hazard.
Charging lithium cells
An integral part of any Li-ion battery system is a battery charger
specifically designed for the lithium cell being used, with its
particular over and undercharge limits, capacity, etc. The battery
charger should be viewed as a part of the entire lithium battery
system so that safe cell operation can be ensured.
Lithium cells must be charged with a dedicated charging controller
such as the NE57610. The charging ICs, in general, can be
described as performing: a current-limited, constant-voltage charge
process. When the cell is very discharged, the charger IC outputs a
constant current into the battery, which limits the internal heating of
the cells. The maximum charge rate is typically the capacity rating of
the cell. That is, the maximum charge current is the mAHr rating of
the cell(s), that is, a 1000 mAHr cell will be charge with a maximum
of 1000 mA. When the cell voltage approaches its full-charged
voltage rating (VOV), the current entering the cell begins to
decrease, and the charger IC provides a constant voltage-mode of
charge. The charge current begins to exponentially decrease over a
long period of time (approximately 1.5 – 2.0 hours). When the
charge current falls below a preset amount, the charge current is
discontinued.
If charging begins with the cell voltage below the overdischarged
voltage rating of the cell (VUV), it is very important to slowly raise the
cell voltage up to this overdischarged voltage level. This is done with
a reconditioning charge. A small amount of current is allowed into
the cell, and the cell voltage is allowed, for a pre-set period of time,
to rise to the overdischarged voltage (VUV). If the cell voltage
recovers, a normal charging sequence can begin as described
above. If the cell does not reach the overdischarged voltage level,
then the cell is considered too damaged to charge and the charge is
discontinued.
It is important to allow enough time to charge the cell to take
advantage of the higher energy density of the lithium cells. When the
charger switches from constant current charge to constant voltage
charge (Point B, Figure 16) the cell only contains about 80 percent
of its full-rated capacity. When the cell is 100 mV less than its full
rated charge voltage, the capacity contained within the cell is about
95 percent. Allowing the cell to slowly complete its charge takes
advantage of the larger capacity of the lithium cells. The complete
charging curve can be seen in Figure 16.
SL01554
1.0
0.5
1.0
2.0
3.0
4.0
1.0
2.0
Point B
Vov
TIME (HOURS)
TIME (HOURS)
CONSTANT
VOLTAGE
CONSTANT
CURRENT
Figure 16. Lithium-ion charging curves.


Similar Part No. - NE57610

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
NE57611BDH PHILIPS-NE57611BDH Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
More results

Similar Description - NE57610

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com