Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2200SN1T1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCS2200SN1T1
Description  Low Voltage Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SN1T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCS2200SN1T1 Datasheet HTML 6Page - ON Semiconductor NCS2200SN1T1 Datasheet HTML 7Page - ON Semiconductor NCS2200SN1T1 Datasheet HTML 8Page - ON Semiconductor NCS2200SN1T1 Datasheet HTML 9Page - ON Semiconductor NCS2200SN1T1 Datasheet HTML 10Page - ON Semiconductor NCS2200SN1T1 Datasheet HTML 11Page - ON Semiconductor NCS2200SN1T1 Datasheet HTML 12Page - ON Semiconductor NCS2200SN1T1 Datasheet HTML 13Page - ON Semiconductor NCS2200SN1T1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCS2200 Series
http://onsemi.com
10
Figure 19. Schmitt Trigger Oscillator
VCC
OUT
IN (+)
IN (−)
EN
Rx
Cx
NCS
2201
VO
R2
R1
f + 1T +
1
2.2 RxCx
The oscillation frequency can be programmed as follows:
VCC
OUT
IN (+)
IN (−)
EN
VO
IN (+)
IN (−)
NCS
2201
R1
1 M
1 M
R2
100 pF
t0
R3
C1
VCC
t0
t1
0
The resistor divider R1 and R2 can be used to
set the magnitude of the input pulse. The pulse
width is set by adjusting C1 and R3.
Figure 20. One−Shot Multivibrator


Similar Part No. - NCS2200SN1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200SN1T1 ONSEMI-NCS2200SN1T1 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200SN1T1 ONSEMI-NCS2200SN1T1 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200SN1T1G ONSEMI-NCS2200SN1T1G Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200SN1T1G ONSEMI-NCS2200SN1T1G Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200SN1T1G ONSEMI-NCS2200SN1T1G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
More results

Similar Description - NCS2200SN1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com