Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1215SNT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1215SNT1
Description  Low Cost Variable OFF Time Switched Mode Power Supply Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1215SNT1 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1215SNT1 Datasheet HTML 1Page - ON Semiconductor NCP1215SNT1 Datasheet HTML 2Page - ON Semiconductor NCP1215SNT1 Datasheet HTML 3Page - ON Semiconductor NCP1215SNT1 Datasheet HTML 4Page - ON Semiconductor NCP1215SNT1 Datasheet HTML 5Page - ON Semiconductor NCP1215SNT1 Datasheet HTML 6Page - ON Semiconductor NCP1215SNT1 Datasheet HTML 7Page - ON Semiconductor NCP1215SNT1 Datasheet HTML 8Page - ON Semiconductor NCP1215SNT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP1215
http://onsemi.com
5
TYPICAL CHARACTERISTICS
−25
11.5
50
11.2
25
0
11.0
TJ, JUNCTION TEMPERATURE (°C)
11.6
TJ, JUNCTION TEMPERATURE (°C)
11.1
11.3
11.4
125
1.08
Figure 3. Vstartup Threshold vs. Junction
Temperature
Figure 4. VUVLO Threshold vs. Junction
Temperature
Figure 5. Operating Current Consumption vs.
Junction Temperature
Figure 6. Offset Voltage vs. Junction
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 7. Current Sense Source Current vs.
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Current Sense Threshold vs.
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
1.12
1.00
1.16
1.20
75
100
−25
8.7
50
8.4
25
0
8.2
8.8
8.3
8.5
8.6
125
75
100
−25
0.985
50
0.970
25
0
0.960
0.990
TJ, JUNCTION TEMPERATURE (°C)
0.965
0.975
0.980
125
75
100
−25
50
25
0
125
75
100
1.04
1.06
1.10
1.14
1.18
1.02
−25
48.0
50
46.5
25
0
45.5
49.0
46.0
47.0
47.5
125
75
100
48.5
−25
55
50
40
25
0
30
65
35
45
50
125
75
100
60


Similar Part No. - NCP1215SNT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1215A ONSEMI-NCP1215A Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
NCP1215A ONSEMI-NCP1215A Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1215ADR2 ONSEMI-NCP1215ADR2 Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
NCP1215ADR2G ONSEMI-NCP1215ADR2G Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
NCP1215ASNT1 ONSEMI-NCP1215ASNT1 Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
More results

Similar Description - NCP1215SNT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1215A ONSEMI-NCP1215A Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
logo
Monolithic Power System...
HFC0300 MPS-HFC0300 Datasheet
442Kb / 21P
   Variable Off Time Controller
logo
ON Semiconductor
NCL30100 ONSEMI-NCL30100 Datasheet
1Mb / 27P
   Fixed Off Time Switched Mode LED Driver Controller
June, 2010 -- Rev. 0
NCL30100 ONSEMI-NCL30100_11 Datasheet
1Mb / 27P
   nuFixed Off Time Switched Mode LED Driver Controller
January, 2011 ??Rev. 3
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
ON Semiconductor
NCP1351 ONSEMI-NCP1351 Datasheet
214Kb / 19P
   Variable Off Time PWM Controller
November, 2006 ??Rev. P2
NCP1351DPG ONSEMI-NCP1351DPG Datasheet
532Kb / 27P
   Variable Off Time PWM Controller
November, 2007 - Rev. 3
logo
Monolithic Power System...
EVHFC0300HS-00A MPS-EVHFC0300HS-00A Datasheet
348Kb / 12P
   Variable Off Time Controller EV Board
logo
NXP Semiconductors
TEA1623P NXP-TEA1623P Datasheet
434Kb / 20P
   STARplug switched mode power supply controller IC
Rev. 3-30 August 2010
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com