Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB40N120SWG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NGTB40N120SWG
Description  IGBT - Inverter Welding
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB40N120SWG Datasheet(HTML) 5 Page - ON Semiconductor

  NGTB40N120SWG Datasheet HTML 1Page - ON Semiconductor NGTB40N120SWG Datasheet HTML 2Page - ON Semiconductor NGTB40N120SWG Datasheet HTML 3Page - ON Semiconductor NGTB40N120SWG Datasheet HTML 4Page - ON Semiconductor NGTB40N120SWG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NGTB40N120SWG
http://onsemi.com
5
PACKAGE DIMENSIONS
TO−247
CASE 340AL
ISSUE A
E2
L1
D
L
b4
b2
b
E
0.25 M BA M
c
A1
A
12
3
B
e
2X
3X
0.635 M BA M
A
S
P
SEATING
PLANE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. SLOT REQUIRED, NOTCH MAY BE ROUNDED.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH.
MOLD FLASH SHALL NOT EXCEED 0.13 PER SIDE. THESE
DIMENSIONS ARE MEASURED AT THE OUTERMOST
EXTREME OF THE PLASTIC BODY.
5. LEAD FINISH IS UNCONTROLLED IN THE REGION DEFINED BY
L1.
6.
∅P SHALL HAVE A MAXIMUM DRAFT ANGLE OF 1.5° TO THE
TOP OF THE PART WITH A MAXIMUM DIAMETER OF 3.91.
7. DIMENSION A1 TO BE MEASURED IN THE REGION DEFINED
BY L1.
DIM
MIN
MAX
MILLIMETERS
D
20.30
21.40
E
15.50
16.25
A
4.70
5.30
b
1.00
1.40
b2
1.65
2.35
e
5.45 BSC
A1
2.20
2.60
c
0.40
0.80
L
19.80
20.80
Q
5.40
6.20
E2
4.32
5.49
L1
3.50
4.50
P
3.55
3.65
S
6.15 BSC
b4
2.60
3.40
NOTE 6
4
NOTE 7
Q
NOTE 4
NOTE 3
NOTE 5
E2/2
NOTE 4
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NGTB40N120SW/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NGTB40N120SWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N120S3WG ONSEMI-NGTB40N120S3WG Datasheet
162Kb / 11P
   IGBT - Ultra Field Stop
July, 2016 ??Rev. P1
More results

Similar Description - NGTB40N120SWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB45N60S2WG ONSEMI-NGTB45N60S2WG Datasheet
86Kb / 5P
   IGBT - Inverter Welding
December, 2014 ??Rev. 1
NGTB50N60S1WG ONSEMI-NGTB50N60S1WG Datasheet
90Kb / 5P
   IGBT - Inverter Welding
December, 2014 ??Rev. 1
NGTB45N60S1WG ONSEMI-NGTB45N60S1WG Datasheet
83Kb / 5P
   IGBT - Inverter Welding
December, 2014 ??Rev. 1
NGTB50N65S1WG ONSEMI-NGTB50N65S1WG Datasheet
159Kb / 10P
   IGBT - Inverter Welding
May, 2016 ??Rev. P0
NGTB25N120SWG ONSEMI-NGTB25N120SWG Datasheet
90Kb / 5P
   IGBT - Inverter Welding
November, 2014 ??Rev. 0
logo
eupec GmbH
FZ1600R17KE3 EUPEC-FZ1600R17KE3 Datasheet
255Kb / 8P
   IGBT-inverter
FF200R33KF2C EUPEC-FF200R33KF2C Datasheet
291Kb / 8P
   IGBT-inverter
F4-50R12KS4 EUPEC-F4-50R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
F4-75R12KS4 EUPEC-F4-75R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
FP25R12KT3 EUPEC-FP25R12KT3 Datasheet
389Kb / 11P
   IGBT-inverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com