Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB10N60R2DT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NGTB10N60R2DT4G
Description  IGBT 600V, 10A, N-Channel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB10N60R2DT4G Datasheet(HTML) 2 Page - ON Semiconductor

  NGTB10N60R2DT4G Datasheet HTML 1Page - ON Semiconductor NGTB10N60R2DT4G Datasheet HTML 2Page - ON Semiconductor NGTB10N60R2DT4G Datasheet HTML 3Page - ON Semiconductor NGTB10N60R2DT4G Datasheet HTML 4Page - ON Semiconductor NGTB10N60R2DT4G Datasheet HTML 5Page - ON Semiconductor NGTB10N60R2DT4G Datasheet HTML 6Page - ON Semiconductor NGTB10N60R2DT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NGTB10N60R2DT4G
www.onsemi.com
2
Electrical Characteristics at Ta=25
C, Unless otherwise specified
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Collector to Emitter Breakdown Voltage
V(BR)CES
IC=1mA, VGE=0V
600
V
Collector to Emitter Cut off Current
ICES
VCE=600V, VGE=0V
Tc=25
C
10
A
Tc=150
C
1
mA
Gate to Emitter Leakage Current
IGES
VGE=20V, VCE=0V
100
nA
Gate to Emitter Threshold Voltage
VGE(th)
VCE=20V, IC=160A
4.5
7.0
V
Collector to Emitter Saturation Voltage
VCE(sat)
VGE=15V, IC=10A
Tc=25
C
1.7
2.1
V
Tc=100
C
1.9
2.3
V
Forward Diode Voltage
VF
IF=10A
1.5
2.1
V
Input Capacitance
Cies
VCE=20V, f=1MHz
1340
pF
Output Capacitance
Coes
45
pF
Reverse Transfer Capacitance
Cres
33
pF
Turn-ON Delay Time
td(on)
VCC=300V, IC=10A
RG=30, L=500H
VGE=0V/15V
Vclamp=400V
Tc=25
C
See Fig.1, See Fig.2
48
ns
Rise Time
tr
34
ns
Turn-ON Time
ton
188
ns
Turn-OFF Delay Time
td(off)
120
ns
Fall Time
tf
65
ns
Turn-OFF Time
toff
220
ns
Turn-ON Energy
Eon
412
J
Turn-OFF Energy
Eoff
140
J
Total Gate Charge
Qg
VCE=300V, VGE=15V, IC=10A
53
nC
Gate to Emitter Charge
Qge
10
nC
Gate to Collector “Miller” Charge
Qgc
25
nC
Diode Reverse Recovery Time
trr
IF=10A,di/dt=300A/s, VCC=300V, See Fig.3
90
ns
Thermal Characteristics at Ta=25
C, Unless otherwise specified
Parameter
Symbol
Conditions
Value
Unit
Thermal Resistance IGBT (Junction to Case)
Rth(j-c) (IGBT)
Tc=25
C
(Our ideal heat dissipation condition) *
2
2.07
C/W
Thermal Resistance (Junction to Ambient)
Rth(j-a)
100
C/W
Note : *2 Our condition is radiation from backside.
The method is applying silicone grease to the backside of the device and attaching
the device to water-cooled radiator made of aluminum.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NGTB10N60R2DT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB10N60FG ONSEMI-NGTB10N60FG Datasheet
406Kb / 6P
   N-Channel IGBT
April, 2014
More results

Similar Description - NGTB10N60R2DT4G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD Datasheet
325Kb / 8P
   N-CHANNEL 10A - 600V TO-220FP PowerMESH IGBT
STGP10NB60SDFP STMICROELECTRONICS-STGP10NB60SDFP Datasheet
326Kb / 8P
   N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
STGB10N60L STMICROELECTRONICS-STGB10N60L Datasheet
88Kb / 8P
   N-CHANNEL 10A - 600V D2PAK LOGIC LEVEL IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
   N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
STGP10NB60SFP STMICROELECTRONICS-STGP10NB60SFP Datasheet
316Kb / 8P
   N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
STP10NB60SFP STMICROELECTRONICS-STP10NB60SFP Datasheet
318Kb / 8P
   N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
logo
Renesas Technology Corp
RJH60A83RDPD-A0 RENESAS-RJH60A83RDPD-A0_15 Datasheet
162Kb / 9P
   600V - 10A - IGBT
logo
Fuji Electric
6MBI10F-060 FUJI-6MBI10F-060 Datasheet
126Kb / 4P
   IGBT (600V 10A)
logo
STMicroelectronics
STGP10N60L STMICROELECTRONICS-STGP10N60L Datasheet
88Kb / 8P
   N-CHANNEL 10A - 600V TO-220 LOGIC LEVEL IGBT
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD_06 Datasheet
273Kb / 13P
   N-channel 10A - 600V - TO-220FP PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com