Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTV121 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTV121
Description  Super On-Screen-Display for LCD Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV121 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV121 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this procuts. No rights under any patent accompany the sales of the product.
1/18
MTV121 Revision 5.0 06/29/1999
MTV121
MYSON
TECHNOLOGY
FEATURES
GENERAL DESCRIPTION
BLOCK DIAGRAM
• Horizontal sync input may be up to 130 KHz.
• Acceptable wide-range pixel clock up to 96MHz.
• Full screen display consists of 15 (rows) by 30 (columns)
characters.
• 12 x 18 dot matrix per character.
• Total 272 characters and graphic fonts including 256
standard and 16 multi-color mask ROM fonts.
• 8 color selectable maximum per display character.
• 7 color selectable maximum for character background.
• Double character height and/or width control.
• Programmable positioning for display screen center.
• Bordering, shadowing and blinking effect.
• Programmable character height (18 to 71 lines) control.
• Row to row spacing register to manipulate the constant
display height.
• 4 programmable background windows with multi-level
operation and shadowing on window effect.
• Software clears bit for full-screen erasing.
• Half tone and fast blanking output.
• Fade-in/fade-out effect.
• 8 channels 8 bits PWM D/A converters output.
• Compatible to SPI bus or I2C interface with slave
address 7AH (Slave address is mask option).
• 16 / 20 / 24 pins PDIP / SOP package.
Super On-Screen-Display for LCD Monitor
MTV121 is designed for LCD monitor applications
to display the built-in characters or fonts onto an LCD
monitor screen. The display operation is by transfer-
ring data and control information from micro control-
ler to RAM through a serial data interface. It can
execute full screen display automatically and spe-
cific functions such as character background color,
bordering, shadowing, blinking, double height and
width, font by font color control, frame positioning,
frame size control by character height and row-to-
row spacing, horizontal display resolution, full-screen
erasing, fade-in/fade-out effect, windowing effect and
shadowing on window.
MTV121 provide 256 standard and 16 multi-color
fonts for more efficacious applications. The full OSD
menu is formed of 15 rows x 30 columns which can
be positioned on anywhere of the monitor screen by
changing vertical delay or horizontal delay.
Moreover, MTV121 also provide 8 PWM DAC
channels with 8 bits resolution and a PWM clock out-
put for external digital to analog control.
SERIAL DATA
INTERFACE
ADDRESS BUS
ADMINISTRATOR
VERTICAL
DISPLAY
CONTROL
DISPLAY & ROW
CONTROL
REGISTERS
COLOR
ENCODER
WINDOWS &
FRAME
CONTROL
LUMAR
LUMAG
LUMAB
BLINK
VCLKX
DATA
VERTD
HORD
CH
8
8
7
BSEN
SHADOW
OSDENB
HSP
VSP
HORIZONTAL
DISPLAY CONTROL
CLOCK
GENERATOR
8
DATA
LPN
CWS
VCLKS
5
DATA
CWS
CHS
8
LUMAR
LUMAG
LUMAB
BLINK
CRADDR
8
LUMA
BORDER
ARWDB
HDREN
VCLKX
HORD 8
CH
CHS
VERTD
7
8
LPN
NROW
VDREN
5
RCADDR
DADDR
FONTADDR
WINADDR
PWMADDR
5
9
9
5
5
ARWDB
HDREN
VDREN
NROW
DATA
ROW, COL
ACK
8
9
CHARACTER ROM
USER FONT RAM
LUMINANCE &
BORDGER
GENERATOR
VDD
VSS
VDDA
VSSA
ROUT
GOUT
BOUT
FBKG
HTONE
HFLB
NC
XIN
VFLB
SSB
SCK
SDA
VSP
HSP
PWM D/A
CONVERTER
PWM0
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
PWM7
8
DATA
8
POWER ON
RESET
PRB


Similar Part No. - MTV121

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MTV1-16PAL5701 ITT-MTV1-16PAL5701 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5702 ITT-MTV1-16PAL5702 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5703 ITT-MTV1-16PAL5703 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5704 ITT-MTV1-16PAL5704 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL6101 ITT-MTV1-16PAL6101 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
More results

Similar Description - MTV121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
   On-Screen-Display for LCD Monitor
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com