Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTV016 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTV016
Description  Enhanced On-Screen-Display Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV016 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV016 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV016 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MYSON
TECHNOLOGY
MTV016
Enhanced On-Screen-Display Controller
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without
notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
MTV016 Revision 2.0 01/01/1999
1/11
FEATURES
Horizontal SYNC input up to 100 KHz.
On-chip PLL circuitry up to a 90 MHz pixel rate for multi-SYNC operation.
Programmable horizontal resolutions up to 1524 dots per display row.
538-byte display registers to control full screen display.
Full screen display consists of 10 (rows) by 24 (columns) characters.
12 x 18 dot matrix per character.
128 built-in characters and graphic symbols, and character by character color selection.
Maximum of 8 colors selectable per display row.
Double character height and/or width control.
Programmable positioning for display screen center.
Bordering and shadowing effect for display.
Programmable vertical character height (18 to 71 lines) for multi-SYNC operation.
4 programmable background windows with multi-level windowing effect.
Software clear function for display frame buffer.
HSYNC and VSYNC input polarity selectable.
Auto detection for input edge distortion between HSYNC and VSYNC inputs.
Half tone and fast blanking output.
Software force blank function for display frame.
Compatible with both SPI bus and I2C interface through pin selection.
16-pin PDIP package.
GENERAL DESCRIPTION
MTV016 is designed for use in monitor applications to display the built-in characters or symbols onto a
monitor screen. The display operation occurs by transferring data and control information in the micro-
controller to RAM through a serial data interface. It can execute a full screen display automatically and
specific functions such as character bordering, shadowing, double height and width, font by font color
control, frame positioning, frame size control by character height and horizontal display resolution, and
windowing effect.
BLOCK DIAGRAM
SERIAL DATA
INTERFACE
ADDRESS BUS
ADMINISTRATOR
VERTICAL
DISPLAY
CONTROL
DISPLAY & ROW
CONTROL
REGISTERS
COLOUR
ENCODER
WINDOWS &
FRAME
CONTROL
CCS0
CCS1
BLINK
VCLKX
DATA
VERTD
HORD
CH
8
8
7
BSEN
SHADOW
OSDENB
HSP
VSP
HORIZONTAL
DISPLAY CONTROL
PHASE LOCK LOOP
8
LPN
CWS
VCLKS
5
DATA
CWS
CHS
5
CCS0
CCS1
BLINK
CRADDR
7
LUMA
BORDER
ARWDB
HDREN
VCLKX
HORD 7
CH
CHS
VERTD
7
8
LPN
NROW
VDREN
5
RCADDR
DADDR
WADDR
5
9
5
ARWDB
HDREN
VDREN
NROW
DATA
DAEN
RAEN,CAEN
8
2
CHARACTER ROM
LUMINANCE &
BORDGER
GENERATOR
VDD
VSS
VDDA
VSSA
ROUT
GOUT
BOUT
FBKG
HTONE
HFLB
RP
VCO
VFLB
SSB
SCK
SDA
VSP
HSP


Similar Part No. - MTV016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV018 ETC-MTV018 Datasheet
139Kb / 16P
   Super On-Screen-Display
More results

Similar Description - MTV016

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
logo
List of Unclassifed Man...
MTV021 ETC-MTV021 Datasheet
205Kb / 17P
   Enhanced Super On-Screen Display
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com