Electronic Components Datasheet Search |
|
L70-288-140 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG |
|
L70-288-140 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG |
|
1 / 1 page Technical Data Sheet Cable assembly RPC-1.00 Jack / Jack – RTK 055 L70-288-XXX Rosenberger Hochfrequenztechnik GmbH & Co. KG P.O.Box 1260 D-84526 Tittmoning Germany www.rosenberger.de Tel. : +49 8684 18-0 Email : info@rosenberger.de Page 1 / 1 All dimensions are in mm; tolerances: ± 3mm for A ≤ 300 mm; ± 1% for A > 300 mm Available variants Type max. Insertion loss Weight (g) / pce L70-288-XXX ≤ 0.0018 * f[GHz] dB/mm 0.0049 g/mm * A mm + 6.0 g XXX – length in mm = A Maximum possible length = 250mm Note: Weight: First constant = Cable- and Armour- weight per mm; Second Constant = Connector left and Connector right weight per pce Assembly parts Connector left RPC-1.00 jack Connector right RPC-1.00 jack Cable RTK 055 Armour none Electrical data Impedance 50 Ω Frequency DC to 110 GHz Return loss ≥ 17 dB, DC to 50 GHz ≥ 14 dB, 50 to 110 GHz Insertion loss see table available variants Individual testing and documentation: Measurement plot with all 4 S-Parameters (S11; S22; S21; S12) is included with the cable assembly and on the backside the care and handling instruction is printed. Mechanical data Minimum bend radius static 3.2 mm Minimum bend radius dynamic 25.4 mm Environmental data Operating temperature range 1 +20 °C to +26 °C Rated temperature range of use 2 0 °C to +50 °C Storage temperature range - 40 °C to +85 °C RoHS compliant 1 Temperature range over which these specifications are valid. 2This range is underneath and above the operating temperature range, within the Cable assembly is fully functional and could be used without damage Draft Date Approved Date Rev. Engineering change number Name Date Martin Moder 10.06.15 Ronny Mark 22.02.17 a00 17-0197 Marcel Panicke 22.02.17 While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our products, we reserve the right to make changes judged to be necessary. |
Similar Part No. - L70-288-140 |
|
Similar Description - L70-288-140 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |