Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L70-286-140 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # L70-286-140
Description  Cable assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

L70-286-140 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  L70-286-140 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Data Sheet
Cable assembly
RPC-1.00 Plug / Plug – RTK 055
L70-286-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 1
All dimensions are in mm; tolerances: ± 3mm for A ≤ 300 mm; ± 1% for A > 300 mm
Available variants
Type
max. Insertion loss
Weight (g) / pce
L70-286-XXX
≤ 0.0018 *
f[GHz] dB/mm
0.0049 g/mm * A mm + 6.4 g
XXX – length in mm = A
Maximum possible length = 250mm
Note:
Weight:
First constant = Cable- and Armour- weight per mm; Second Constant = Connector left and Connector right weight per pce
Assembly parts
Connector left
RPC-1.00 plug
Connector right
RPC-1.00 plug
Cable
RTK 055
Armour
none
Electrical data
Impedance
50
Frequency
DC to 110 GHz
Return loss
≥ 17 dB, DC to 50 GHz
≥ 14 dB, 50 to 110 GHz
Insertion loss
see table available variants
Individual testing and documentation:
Measurement plot with all 4 S-Parameters (S11; S22; S21; S12) is included with the cable assembly and on
the backside the care and handling instruction is printed.
Mechanical data
Minimum bend radius static
3.2 mm
Minimum bend radius dynamic
25.4 mm
Environmental data
Operating temperature range
1
+20 °C to +26 °C
Rated temperature range of use
2
0 °C to +50 °C
Storage temperature range
- 40 °C to +85 °C
RoHS
compliant
1
Temperature range over which these specifications are valid.
2This range is underneath and above the operating temperature range, within the Cable assembly is fully functional
and could be used without damage
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Martin Moder
10.06.15
Ronny Mark
22.02.17
a00
17-0197
Marcel Panicke
22.02.17
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - L70-286-140

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L70-280-140 ROSENBERGER-L70-280-140 Datasheet
496Kb / 1P
   Cable assembly
L70-281-140 ROSENBERGER-L70-281-140 Datasheet
498Kb / 1P
   Cable assembly
L70-282-140 ROSENBERGER-L70-282-140 Datasheet
498Kb / 1P
   Cable assembly
L70-283-140 ROSENBERGER-L70-283-140 Datasheet
497Kb / 1P
   Cable assembly
L70-287-140 ROSENBERGER-L70-287-140 Datasheet
515Kb / 1P
   Cable assembly
More results

Similar Description - L70-286-140

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
logo
Pasternack Enterprises,...
PE34319LF PASTERNACK-PE34319LF Datasheet
300Kb / 1P
   Cable ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
   Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
   CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
   Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
   CABLE ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com